Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM4SMA13A Datasheet(PDF) 2 Page - Protek Devices

Part # PAM4SMA13A
Description  400 Watt TVS Component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM4SMA13A Datasheet(HTML) 2 Page - Protek Devices

  PAM4SMA13A Datasheet HTML 1Page - Protek Devices PAM4SMA13A Datasheet HTML 2Page - Protek Devices PAM4SMA13A Datasheet HTML 3Page - Protek Devices PAM4SMA13A Datasheet HTML 4Page - Protek Devices PAM4SMA13A Datasheet HTML 5Page - Protek Devices PAM4SMA13A Datasheet HTML 6Page - Protek Devices PAM4SMA13A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05641.Ra 12/21
page 2
PAM4SMA SERIES
ISO 9001 CERTIFIED COMPANY
typical device characteristics
MAXIMuM RATINGS @ 25°c Unless Otherwise Specified
PARAMETER
SYMBOl
VAluE
uNITS
Operating Temperature
T
A
-65 to 150
°C
Storage Temperature
T
STG
-65 to 175
°C
Peak Pulse Power (tp =10/1000µs) - See Figure 1 and Note 1, 2 and 5
P
PP
400
Watts
Power Dissipation on Infinite Heatsink at T
L = 50°C
P
D
3.3
Watts
Peak Forward Surge Current, 8.3ms single half sinewave - Unidirectional Only (Note 3)
I
FSM
60
Amps
Maximum Instantaneous Forward Voltage at 25A - Unidirectional Only (Note 4)
V
F
3.5/5.0
V
Typical Thermal Resistance Junction to Lead
R
ΘJL
30
°C/W
Typical Thermal Resistance Junction to Ambient
R
ΘJA
120
°C/W
NOTES
1. Non-repetitive current pulse per Figure 2 and derated above TA = 25°C per Figure 3.
2. Mounted on 5.0x5.0mm cooper pad to each terminal.
3. Measured on 8.3ms single half sinewave or equivalent square wave - unidirectional device only.
4. V
F < 3.5V for single die parts and VF < 5.0V for stacked die parts .
5. The P
PPM of stacked die parts is 600W. Please contact factory for more information.
ElECTRICAl ChARACTERISTICS PER lINE @ 25°c Unless Otherwise Specified
PART
NuMBER
(notes 1-2)
DEVICE
MaRkIng
REVERSE
STanD-OFF
VOlTAGE
V
RWM
VOlTS
bReakDOwn
VOlTAGE
V
(bR) @ IT
VOlTS
TEST
CuRRENT
@ I
T
mA
MAXIMuM
ClAMPING
VOlTAGE
(Fig. 2)
@ I
P
V
C
VOlTS
MAXIMuM
REVERSE
SuRGE
CuRRENT
@I
PP
AMPS
MAXIMuM
REVERSE
Leakage
CuRRENT
@V
RWM
I
R
µA
uNI
BI
MIN
MAX
PAM4SMA13A
13A
13C
11.1
12.4
13.7
1
18.2
22.5
1
PAM4SMA18A
18A
18C
15.3
17.1
18.9
1
25.2
15.8
1
PAM4SMA36A
36A
36C
30.8
34.2
37.8
1
49.9
8.0
1
PAM4SMA130A
130A 130C
111.0
124.0
137.0
1
179.0
2.3
1
PAM4SMA200A
200A 200C
171.0
190.0
210.0
1
274.0
1.5
1
PAM4SMA350A
350A 350C
300.0
332.0
368.0
1
482.0
0.9
1
PAM4SMA400A
400A 400C
342.0
380.0
420.0
1
548.0
0.8
1
PAM4SMA440A
440A 440C
376.0
418.00
462.0
1
602.0
0.7
1
PAM4SMA550A
550A 550C
470.3
522.5
577.5
1
759.0
0.53
1
NOTE
1. 5% tolerance.
2. Add suffix ‘CA’ after part number to specify a bidrectional device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com