Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UIPC4074G2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UIPC4074G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UIPC4074G2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UIPC4074G2 Datasheet HTML 1Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 2Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 3Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 4Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 5Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 6Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 7Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 8Page - Renesas Technology Corp UIPC4074G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
c
1987
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4074
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15206EJ5V0DS00 (5th edition)
Date Published March 2004 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
DESCRIPTION
The
µPC4074 is a J-FET input operational amplifier. This product is designed as low noise version of the µPC4084.
The features of the
µPC4074 are more improved input equivalent noise voltage, input offset voltage and input bias
current than those of
µPC4084. By these features, the µPC4074 is excellent choice for wide variety of applications
including audio preamplifier and active filter.
FEATURES
• Low noise: en = 17 nV/ Hz (TYP.)
• Very low input bias and offset currents
• Output short circuit protection
• High input impedance...J-FET Input stage
• Internal frequency compensation
• High slew rate...13 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4074C
14-pin plastic DIP (7.62 mm (300))
µPC4074G2
14-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
PC4074C, 4074G2
1
14
23
2
3
4
5
6
7
OUT4
II4
IN4
V−
IN3
II3
OUT3
OUT1
II1
IN1
V+
IN2
II2
OUT2
14
13
12
11
10
9
8
−+
−+
µ
R1
R8
R9
R6
D1
R7
R10
R11
D2
Q15
R4
R2
R5
R3
II
IN
Q1
Q2
Q8
Q16
Q9
Q10
Q12
Q13
Q5
Q14
Q3
Q4
Q11
Q6
Q7
C1
OUT
V
–
V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com