Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC4556C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4556C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4556C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4556C Datasheet HTML 3Page - Renesas Technology Corp UPC4556C Datasheet HTML 4Page - Renesas Technology Corp UPC4556C Datasheet HTML 5Page - Renesas Technology Corp UPC4556C Datasheet HTML 6Page - Renesas Technology Corp UPC4556C Datasheet HTML 7Page - Renesas Technology Corp UPC4556C Datasheet HTML 8Page - Renesas Technology Corp UPC4556C Datasheet HTML 9Page - Renesas Technology Corp UPC4556C Datasheet HTML 10Page - Renesas Technology Corp UPC4556C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
G10240EJ7V0DS
5
µPC4556
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, TYP.)
TA - Operating Ambient Temperature -
°C
POWER DISSIPATION
800
600
400
200
0
20
40
60
80
100
227 C/W
°
143 C/W
°
PC4556G2
µ
PC4556C
µ
1
10
100
1 k
10 k 100 k
1 M
10 M
120
100
80
60
40
20
0
f - Frequency - Hz
OPEN LOOP FREQUENCY RESPONSE
V=
±15 V
±
020
40
60
80
INPUT OFFSET VOLTAGE
−20
3
2
1
0
−1
−2
−3
V =
±15 V
The characteristic of the optional sample.
(Quantity:five)
±
TA - Operating Ambient Temperature - C
°
−20
0
20406080
200
160
120
80
40
0
INPUT BIAS CURRENT
V
=
±15 V
±
TA - Operating Ambient Temperature - C
°
100
1 k
10 k
100 k
1 M
f - Frequency - Hz
LARGE SIGNAL FREQUENCY RESPONSE
V=
±15 V
±
32
28
24
20
16
12
8
4
0
0
20406080
OUTPUT CURRENT LIMIT
V=
±15 V
±
VO
IO SOURCE
+
VO
IO SINK
−
±20
±15
±10
±5
IO - Output Current - mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com