Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC4570 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4570
Description  Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4570 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4570 Datasheet HTML 1Page - Renesas Technology Corp UPC4570 Datasheet HTML 2Page - Renesas Technology Corp UPC4570 Datasheet HTML 3Page - Renesas Technology Corp UPC4570 Datasheet HTML 4Page - Renesas Technology Corp UPC4570 Datasheet HTML 5Page - Renesas Technology Corp UPC4570 Datasheet HTML 6Page - Renesas Technology Corp UPC4570 Datasheet HTML 7Page - Renesas Technology Corp UPC4570 Datasheet HTML 8Page - Renesas Technology Corp UPC4570 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R03DS0135EJ0100 Rev.1.00
Page 1 of 9
2019.1.17
Datasheet
μPC4570
Ultra Low-Noise, High Speed, Wide Band,
Dual Operational Amplifier
DESCRIPTION
μPC4570 is a high performance version of general-purpose low-noise operational amplifier μPC258, 4558.
Various characteristics such as band, slew rate, including input equivalent noise were greatly improve in
comparison to μPC258 and 4558. It is also possible to operate the amplifier with stability for gain of 1 (total
feedback or unity gain)
Therefore, it is ideal for application circuits such as audio preamplifiers, equalizers, tone controls, active filters.
Under this product series, there is also a quad type μPC4574 with equivalent characteristics.
FEATURES
 Equivalent Input Noise Voltage (f = 1 kHz ) 4.5 nV/Hz (TYP.)
 Total Harmonic Distortion Rate (f = 20 Hz ~ 20 kHz) 0.002 % (TYP.)
 Slew Rate 7 V/µs (TYP.)
 Gain Bandwidth Product GBW (f = 100 kHz) 15 MHz (TYP.)
 Input Offset Voltage ±0.3 mV (TYP.)
 Operating Ambient Temperature -40 ~ +85 C
 Internal Frequency Compensation
 AEC-Q100 Compliance
PRODUCT LINEUP
Package
Standard SOP
TSSOP
Product Name
μPC4570G2
μPC4570GR
Outline
(Mounting Area
Ratio)
(100%)
(60%)
PIN CONFIGURATION (Top View)
5.2
6.5
3.15
6.4
4.4
1
+
-
1
OUT1
8
V +
2
II1
3
IN1
4
V -
7
OUT2
6
II2
5
IN2
2
-
+
R03DS0135EJ0100
Rev.1.00
2019.1.17


Similar Part No. - UPC4570

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
UPC4570C NEC-UPC4570C Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
UPC4570G2 NEC-UPC4570G2 Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570G2 RENESAS-UPC4570G2 Datasheet
646Kb / 12P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
Rev.2.00 Feb.27.25
UPC4570G2-AP RENESAS-UPC4570G2-AP Datasheet
646Kb / 12P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
Rev.2.00 Feb.27.25
More results

Similar Description - UPC4570

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4572 NEC-UPC4572 Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2137 NJRC-NJM2137 Datasheet
165Kb / 3P
ULTRA WIDE BAND, HIGH SLUE RATE DUAL OPERATIONAL AMPLIFIER
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
New Japan Radio
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com