Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC8002GR Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC8002GR
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002GR Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC8002GR Datasheet HTML 9Page - Renesas Technology Corp UPC8002GR Datasheet HTML 10Page - Renesas Technology Corp UPC8002GR Datasheet HTML 11Page - Renesas Technology Corp UPC8002GR Datasheet HTML 12Page - Renesas Technology Corp UPC8002GR Datasheet HTML 13Page - Renesas Technology Corp UPC8002GR Datasheet HTML 14Page - Renesas Technology Corp UPC8002GR Datasheet HTML 15Page - Renesas Technology Corp UPC8002GR Datasheet HTML 16Page - Renesas Technology Corp UPC8002GR Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
µPC8002
11
Electrical Specifications (TA = 25
°C, VCC = 3 V)
(1) Mixer Section (fMIX = 250 MHz, fLOC = 239.3 MHz, VLOC = –5 dBm)
0 dBm = 223.6 mVrms (at 50
Ω)
(Where not specified in the Test Condition, input has 50
Ω termination)
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Power supply current
ICCM
No signal
1.7
2.2
mA
Conversion gain
GC
50
Ω resistance termination
4
8
11.0
dB
LC matching (reference value)
17.0
–1 dB compression output level
VOM
–14
–10
–7
dBm
Third order intercept point
IP3
Stipulated by output
Note 1
–3
dBm
Noise factor
NF
16
dB
LC matching (reference value)
7
dB
Local separation
ISL
Mixer non-input
Note 2
40
54
dB
Mixer input impedance
ZINM
31-j156
Ω
Local input impedance
ZINL
31-j169
Ω
Output resistance
ROM
230
330
430
Ω
Power-on rise time
tONM
VPO = 3 VNote 3
815
µs
Power-off fall time
tOFM
VPO = 0 VNote 4
13
µs
Power-off power supply current
ILM
VPO = 0 V
0
5
µA
Notes 1. f1 = 250.3 MHz, f2 = 250.6 MHz
2. Leakage from local input to mixer output
3. Time until the difference between the local input pin power-on and power-off voltages reaches 90 %
Power-on input voltage (VPO) rise time: 10 ns
4. Time until the power supply current reaches 10 % of the power-on value
Power-on input voltage (VPO) fall time: 10 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com