Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC8119T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC8119T
Description  BIPOLAR ANALOG INTEGRATED CIRCUITS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8119T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC8119T Datasheet HTML 17Page - Renesas Technology Corp UPC8119T Datasheet HTML 18Page - Renesas Technology Corp UPC8119T Datasheet HTML 19Page - Renesas Technology Corp UPC8119T Datasheet HTML 20Page - Renesas Technology Corp UPC8119T Datasheet HTML 21Page - Renesas Technology Corp UPC8119T Datasheet HTML 22Page - Renesas Technology Corp UPC8119T Datasheet HTML 23Page - Renesas Technology Corp UPC8119T Datasheet HTML 24Page - Renesas Technology Corp UPC8119T Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet PU10413EJ01V0DS
19
µPC8119T,µPC8120T
Output port matching at f = 1 440 MHz
−
µPC8119T−
1 440.000 000 MHz
S21–FREQUENCY
VAGC = 0 V (GPMAX), Pin = –30 dBm
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S21 log MAG
1 dB/
REF 6 dB
1: 13.355 dB
16
14
6
8
10
12
MARKER 1
1.44 GHz
VCC = 3.3 V
3.0 V
2.7 V
1
1 440.000 000 MHz
S12–FREQUENCY
VCC = 3.0 V, VAGC = 0 V (GPMAX), Pin = –30 dBm
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S12 log MAG
5 dB/
REF 0 dB
1: –36.039 dB
0
–10
–50
–40
–30
–20
MARKER 1
1.44 GHz
TA = +85˚C
+25˚C
–40˚C
1
1 440.000 000 MHz
S12–FREQUENCY
VAGC = 0 V (GPMAX), Pin = –30 dBm
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S12 log MAG
5 dB/
REF 0 dB
1: –35.55 dB
0
–10
–50
–40
–30
–20
MARKER 1
1.44 GHz
VCC = 3.3 V
3.0 V
2.7 V
1
1 440.000 000 MHz
S21–FREQUENCY
VCC = 3.0 V, VAGC = 0 V (GPMAX), Pin = –30 dBm
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S21 log MAG
1 dB/
REF 6 dB
1: –13.23 dB
16
14
6
8
10
12
MARKER 1
1.44 GHz
1
TA = –40˚C
+25˚C
+85˚C
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com