Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFE44N50QD2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFE44N50QD2
Description  Buck & Boost Configurations for PFC & Motor Control Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFE44N50QD2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFE44N50QD2 Datasheet HTML 1Page - IXYS Corporation IXFE44N50QD2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
ISOPLUS-227 B
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
500
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J = 25°C
100
µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = IT
44N50Q
0.12
Ω
48N50Q
0.11
Ω
Pulse test, t
≤ 300 µs, duty cycle δ ≤ 2 %
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 10 V, ID = IT, pulse test
30
36
S
C
iss
8000
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
930
pF
C
rss
220
pF
t
d(on)
33
ns
t
r
V
GS
= 10 V, V
DS = 0.5 VDSS, ID = IT
22
ns
t
d(off)
R
G
= 1
Ω (External)
75
ns
t
f
10
ns
Q
g(on)
190
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 VDSS, ID = IT
40
nC
Q
gd
86
nC
R
thJC
0.31
K/W
R
thCK
0.07
K/W
Ultra-fast Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
R
T
J= 25°C;
V
R= VRRM
200
µA
T
J= 150°C; VR= 0.8VRRM
2.5
mA
V
F
I
F = 60A, VGS = 0 V
2.05
V
Note1
T
J = 150°C
1.4
V
t
rr
I
I = 1A, di/dt = -200 A/µs, VR = 30 V, TJ = 25°C35
50
ns
I
RM
I
F= 60A, di/dt = -100 A/µs, VR = 100 V, TJ = 100°C
8.3
A
R
thJC
0.7 K/W
R
thJK
0.05
K/W
Note: 1. Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
2. IXFE44N50 I
T = 22A
IXFE48N50 I
T = 24A
IXFE44N50QD2
IXFE48N50QD2
IXFE44N50QD3
IXFE48N50QD3
Please note:
For characteristic curves please see
IXFK48N50Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com