Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5535-UDC Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 24Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 25Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 26Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 27Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 28Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 29Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 30Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 31Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 555 page
background image
www.national.com
28
Revision 0.8
Signal Definitions (Continued)
2.1.1
Buffer Types
Table 2-2 "Ball Assignments: Sorted by Ball Number" on
page 21 includes a column labeled “Buffer Type”. The
details of each buffer type listed in this column are given in
Table 2-4. The column headings in Table 2-4 are identified
as follows:
TS: Indicates whether the buffer may be put into the TRI-
STATE mode. Note some pins that have buffer types that
allow TRI-STATE may never actually enter the TRI-STATE
mode in practice, since they may be inputs or provide other
signals that are always driven. To determine if a particular
signal can be put in the TRI-STATE mode, consult the indi-
vidual signal descriptions in Section 2.2 "Signal Descrip-
tions" on page 31.
OD: Indicates if the buffer is open-drain, or not. Open-drain
outputs may be wire ORed together and require a discrete
pull-up resistor to operate properly.
5VT: Indicates if the buffer is 5-volt tolerant, or not. If it is 5-
volt tolerant, then 5 volt TTL signals may be safely applied
to this pin.
Backdrive Protected: Indicates that the buffer may have
active signals applied even when the CS5535 itself is pow-
ered down.
PU/PD: Indicates if an internal, programmable pull-up or
pull-down resistor may be present.
Current High/Low (mA): This column gives the current
source/sink capacities when the voltage at the pin is high,
and low. The high and low values are separated by a “/”
and values given are in milli-amps (mA).
Rise/Fall @ Load: This column indicates the rise and fall
times for the different buffer types at the load capacitance
indicated. These measurements are given in two ways:
rise/fall time between the 20%-80% voltage levels, or, the
rate of change the buffer is capable of, in volts-per-nano-
second (V/ns). See Section 6.3 "AC Characteristics" on
page 530 for details.
Note the presence of several “wire” type buffers in this
table. Signals identified as one of the wire-types are not
driven by a buffer, hence no rise/fall time or other measure-
ments are given; these are marked “NA” in Table 2-4. The
wire-type connection indicates a direct connection to inter-
nal circuits such as power, ground, and analog signals.
Table 2-4. Buffer Type Characteristics
Name
TS
OD
5VT
Backdrive
Protected
PU/PD
Current
High/Low
(mA)
Rise/Fall @ Load
Q3
X
X
24/24
3 ns @ 50 pF
Q5
X
X
24/24
5 ns @ 50 pF
Q7
X
X
24/24
7 ns @ 50 pF
PCI
X
0.5/1.5
1-4 V/ns @ 10 pF
IDE
X
16/16
1.25 V/ns @ 40 pF
SMB
X
X
X
Rise: 1 µs @ 400 pF
Fall: 300 ns @ 400 pF
Bare_Wire
NA
NA
NA
NA
NA
Bare_Wire_BP
NA
NA
X
NA
NA
NA
AVDD_USB
NA
NA
NA
NA
NA
AVSS_USB
NA
NA
NA
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com