Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA446AP Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TA446AP
Description  Wireless, RF SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TA446AP Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TA446AP Datasheet HTML 1Page - Transko Electronics, Inc. TA446AP Datasheet HTML 2Page - Transko Electronics, Inc. TA446AP Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TA446AP
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Electrical Characteristics
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operating Temperature Range
°C
-10
-
+60
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
0
Maximum Input Power
dBm
-
-
0
Source Impedance (single ended)
-
150
-
Load Impedance (single ended)
-
150
-
Package type & size
P
Length x Width
mm²
-
3.8 x 3.8
-
Height
mm
-
-
1.4
ELECTRICAL SPECIFICATION
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Center Frequency (Fo)
MHz
-
446.0
-
Insertion Loss within 444 ~ 448 MHz
dB
-
1.5
3.0
Amplitude Ripple within 444 ~ 448 MHz
dBp-p
-
0.8
2.0
Attenuation:
DC~ Fo-42.8 MHz
dB
50
55
-
Fo+40 ~ Fo+200 MHz
dB
50
55
-
Terminating Impedance
Ω/pF
150/0
 Wireless, RF SAW Filter
 Revision 0: March 2005


Similar Part No. - TA446AP

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA446E1 TAI-SAW-TA446E1 Datasheet
153Kb / 4P
SAW Filter 446 MHz For Pager
More results

Similar Description - TA446AP

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF915.0M-E OSCILENT-802-RF915.0M-E Datasheet
494Kb / 3P
Wireless, RF SAW Filter
803-RF325.3M-A OSCILENT-803-RF325.3M-A Datasheet
238Kb / 2P
Wireless RF SAW Filter
803-RF425.0M-C OSCILENT-803-RF425.0M-C Datasheet
397Kb / 3P
Wireless RF SAW Filter
805-RF325.3M-B OSCILENT-805-RF325.3M-B Datasheet
345Kb / 2P
Wireless RF SAW Filter
803-RF470.0M-A OSCILENT-803-RF470.0M-A Datasheet
154Kb / 5P
Wireless, RF SAW Filter
802-RF770.0M-A OSCILENT-802-RF770.0M-A_14 Datasheet
139Kb / 5P
Wireless, RF SAW Filter
802-RF813.5M-A OSCILENT-802-RF813.5M-A_14 Datasheet
137Kb / 5P
Wireless, RF SAW Filter
803-RF718.0M-A OSCILENT-803-RF718.0M-A_14 Datasheet
138Kb / 5P
Wireless, RF SAW Filter
logo
Transko Electronics, In...
TA315CM TRANSKO-TA315CM Datasheet
381Kb / 3P
Wireless, RF SAW Filter
Revision 0: June 2012
TF-259502-S21 TRANSKO-TF-259502-S21 Datasheet
512Kb / 4P
Wireless, RF SAW SAW Filter
Revision 0: June 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com