Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGVC Datasheet(PDF) 1 Page - T-Global Technology

Part # TGVC
Description  Vapor Chamber
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TGVC Datasheet(HTML) 1 Page - T-Global Technology

  TGVC Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation. Less Heat.
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
Version18
20220628
T-Global Technology (Europe & North America) Limited
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
T-Global Technology are proud to announce
the launch of a new company logo and mission
statement as part of the ongoing growth and
evolution of our company’s brand.
(old version)
2
Features
Applications
Best for high power applications
Electronic components - Electric Vehicles, 5G, Autopilot System, Mobile
Phone, AIOT, HPC (High Performance Computing), Server, IC, CPU, MOS, LED,
Mother Board,Power Supply, Heat Sink, LCD-TV, Notebook, PC, Telecom Device,
Wireless Hub, DDR ll Module, etc.
• Horizontallyconduction
• Passivecomponents
• Highstability
• Efficiencyhigherthanheatpipe10times
Vapor Chamber
Properties
Exchange with Ex
ternal Heat 
Exchange with Ex
ternal Heat 
Mechanism
▶Differentindustrieswillrequiredifferentspecifications,pleasecontactusdireclyforthemostsuitablespecifications.
Item
VC001
VC002
VC003
XVC-A001
XVC-A002
Unit Tolerance
Size
56
×56
106
×70
106
×70
90
×60
80
×80
mm
±0.3
Thickness
3.0
3.0
25.5
0.4
0.4
mm
±0.05
Thermal Resistance
≦0.21
≦0.16
≦0.16
<0.02
<0.02
°C/W
-
Material
Pure copper
Copper alloy
-
-
Surface finishing
anti-oxidation
-
-
Extra components
-
-
copper
heat sink
-
-
-
-
Operation Power (Qmax)
110
150
150
10
10
W
-
Image
-
-


Similar Part No. - TGVC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TGV RUBYCON-TGV Datasheet
175Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
logo
Timeguard
TGV101N TIMEGUARD-TGV101N Datasheet
765Kb / 2P
Weathersafe Vision Single Gang 13A Switched Socket
14/02/2025
TGV103N TIMEGUARD-TGV103N Datasheet
791Kb / 2P
Weathersafe Vision Single Gang 13A Fused Spur
14/02/2025
TGV104NP TIMEGUARD-TGV104NP Datasheet
845Kb / 3P
Weathersafe Vision Single Gang 13A Outdoor RCD Fused Spur – Passive
14/02/2025
TGV105NP TIMEGUARD-TGV105NP Datasheet
447Kb / 3P
Single Gang 13A Outdoor RCD Fused Spur - Passive
14/02/2025
More results

Similar Description - TGVC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C930CKT LITEON-LTST-C930CKT Datasheet
359Kb / 6P
Compatible with infrared and vapor phase reflow solder process
logo
List of Unclassifed Man...
866-A ETC2-866-A Datasheet
166Kb / 4P
HALF-WAVE MERCURY-VAPOR RECTIFIER
logo
Magnetrol International...
S21-1A1A-12 MAGNETROL-S21-1A1A-12 Datasheet
159Kb / 8P
External Chamber Sealed or Flanged Top
logo
Fuji Electric
EDS8-42H FUJI-EDS8-42H Datasheet
210Kb / 6P
STOP VALVE & CONDENSATE CHAMBER
logo
Figaro Engineering Inc.
SR-3 FIGARO-SR-3 Datasheet
210Kb / 2P
Bench Top Test Chamber
logo
MKS Instruments.
1150C MKS-1150C Datasheet
202Kb / 4P
vapor source mass-flo controllers
PROCESSSENSE-TFS MKS-PROCESSSENSE-TFS Datasheet
247Kb / 2P
Highly repeatable endpoint Sensor for chamber clean processes
TOOLWEBRGA MKS-TOOLWEBRGA Datasheet
281Kb / 4P
AUTOMATED PROCESS & CHAMBER ENVIRONMENT MONITORING
logo
3M Electronics
3015TWF 3M-3015TWF Datasheet
250Kb / 3P
3M??Air & Vapor Through Wall Flashing Tape
logo
List of Unclassifed Man...
872A ETC-872A Datasheet
289Kb / 2P
872A 872 MERCURY VAPOR RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com