Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN10H220LK3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN10H220LK3
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LK3 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN10H220LK3 Datasheet HTML 1Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 2Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 3Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 4Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 5Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 6Page - Diodes Incorporated DMN10H220LK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN10H220LK3
Document number: DS39975 Rev. 3 - 2
1 of 7
www.diodes.com
April 2019
© Diodes Incorporated
DMN10H220LK3
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
100V
220m
Ω @ VGS = 10V
7.5A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Load Switch
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO252
Case Material: Molded Plas
tic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN10H220LK3-13
TO252 (DPAK)
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
TO252 (DPAK)
10H220
YYWW
e3
Internal Schematic
G
S
D
D
Top View
Pin Out
Top View
TO252 (DPAK)
D
S
G
= Manufacturer
’s Marking
10H220 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 19 = 2019)
WW = Week Code (01 to 53)


Similar Part No. - DMN10H220LK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H220L DIODES-DMN10H220L Datasheet
306Kb / 6P
Low On-Resistance
Rev 3
DMN10H220L-13 DIODES-DMN10H220L-13 Datasheet
306Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN10H220L-13 DIODES-DMN10H220L-13 Datasheet
306Kb / 6P
Low On-Resistance
Rev 3
DMN10H220L-7 DIODES-DMN10H220L-7 Datasheet
306Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN10H220L-7 DIODES-DMN10H220L-7 Datasheet
306Kb / 6P
Low On-Resistance
Rev 3
More results

Similar Description - DMN10H220LK3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com