Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1501 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1501_V01 Datasheet HTML 17Page - Microchip Technology MCP1501_V01 Datasheet HTML 18Page - Microchip Technology MCP1501_V01 Datasheet HTML 19Page - Microchip Technology MCP1501_V01 Datasheet HTML 20Page - Microchip Technology MCP1501_V01 Datasheet HTML 21Page - Microchip Technology MCP1501_V01 Datasheet HTML 22Page - Microchip Technology MCP1501_V01 Datasheet HTML 23Page - Microchip Technology MCP1501_V01 Datasheet HTML 24Page - Microchip Technology MCP1501_V01 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 21
MCP1501
FIGURE 5-5:
SAR ADC Example Circuit.
The
circuit
depicted
in
Figure 5-5
shows
a
MCP1501-40 configured to provide the reference to a
SAR ADC. Refer to “MCP331X1 16/15/12 bit MSPS
SAR ADC Evaluation Kit User Guide”, Microchip
Technology Inc. (DS50002733).
3.3V
VREF
IN+
IN-
VDD
SHDN
GND
1
2
3
4
5
6
GND
OUT
GND
1μF
5.5V
MCP1501-40
22 μF
16V
Tantalum
10.5
Ω
1%
MCP3313D1-10
0.1μF
1μF
25V
7.15K
Ω
1%
13.3K
Ω
1%
+
-
MCP6286
5.5V
2.2μF
16V
10μF
25V
1K
Ω
1μF
16V
10 μF
16V
Tantalum
100pF
25V
fc=689Hz
2
nd Order LP ;fc=11Hz
Optional
fc=16Hz
1 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com