Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16301T-E/CH Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP16301T-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301T-E/CH Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP16301T-E/CH Datasheet HTML 13Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 14Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 15Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 16Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 17Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 18Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 19Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 20Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2011-2021 Microchip Technology Inc.
DS20005004E-page 19
MCP16301/H
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP16301/H step-down converters operate over
a wide input voltage range, up to 36V maximum.
Typical applications include generating a bias or VDD
voltage for the PIC® microcontroller product line, digital
control system bias supply for AC-DC converters, 24V
industrial input and similar applications.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP16301/H devices, Equation 5-1 can be used.
RTOP is connected to VOUT, RBOT is connected to GND
and both are connected to the VFB input pin.
EQUATION 5-1:
EXAMPLE 5-1:
EXAMPLE 5-2:
The transconductance error amplifier gain is controlled
by its internal impedance. The external resistor dividers
have no effect on system gain, so a wide range of
values can be used. A 10 k
 bottom resistor is
recommended as a good trade-off for quiescent current
and noise immunity.
5.3
General Design Equations
The step-down converter duty cycle can be estimated
using Equation 5-2 while operating in Continuous
Inductor Current mode. This equation also counts the
forward drop of the freewheeling diode and internal
N-Channel MOSFET switch voltage drop. As the load
current increases, the switch voltage drop and diode
voltage drop increase, requiring a larger PWM duty
cycle to maintain the output voltage regulation. Switch
voltage drop is estimated by multiplying the switch
current times the switch resistance (or RDSON).
EQUATION 5-2:
CONTINUOUS INDUCTOR
CURRENT DUTY CYCLE
The MCP16301/H devices feature an integrated slope
compensation to prevent the bimodal operation of the
PWM duty cycle. Internally, half of the inductor current
down slope is summed with the internal current sense
signal. For the proper amount of slope compensation,
it is recommended to keep the inductor down-slope
current constant by varying the inductance with VOUT,
where K = 0.22V/µH.
EQUATION 5-3:
For
VOUT = 3.3V, an inductance of 15 µH is
recommended.
R
TOP
R
BOT
V
OUT
V
FB
-------------1
–


=
VOUT
=3.3V
VFB
=0.8V
RBOT
=10 k
RTOP
=
31.25 k
 (standard value = 31.6 k)
VOUT
=
3.328V (using standard value)
VOUT
=5.0V
VFB
=0.8V
RBOT
=10 k
RTOP
=
52.5 k
 (standard value = 52.3 k)
VOUT
=
4.98V (using standard value)
TABLE 5-1:
RECOMMENDED INDUCTOR
VALUES
VOUT
KLSTANDARD
2.0V
0.20
10 µH
3.3V
0.22
15 µH
5.0V
0.23
22 µH
12V
0.21
56 µH
15V
0.22
68 µH
D
V
OUT
V
Diode
+

V
IN
I
SW
R
DSON

–

-------------------------------------------------------
=
KV
OUT L
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com