Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16301HT-E/CHVAO Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP16301HT-E/CHVAO
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CHVAO Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP16301HT-E/CHVAO Datasheet HTML 2Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 3Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 4Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 5Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 6Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 7Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 9Page - Microchip Technology MCP16301HT-E/CHVAO Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MCP16301/H
DS20005004E-page 8
 2011-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = EN = 12V, COUT =CIN =2 X10µF, L = 15 µH, VOUT =3.3V, ILOAD =200 mA,
TA =+25°C.
FIGURE 2-7:
Input Quiescent Current vs.
Temperature.
FIGURE 2-8:
Switching Frequency vs.
Temperature; VOUT =3.3V.
FIGURE 2-9:
Maximum Duty Cycle vs.
Ambient Temperature; VOUT =5.0V.
FIGURE 2-10:
Peak Current Limit vs.
Temperature; VOUT =3.3V.
FIGURE 2-11:
Switch RDSON vs. VBOOST.
FIGURE 2-12:
VFB vs. Temperature;
VOUT =3.3V.
0
1
2
3
4
5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
V
OUT = 3.3V
I
OUT = 0 mA
V
IN = 12V
V
IN = 6V
V
IN = 30V
455
460
465
470
475
480
485
490
495
500
505
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
V
IN = 12V
V
OUT = 3.3V
I
OUT = 200 mA
94.7
94.8
94.9
95
95.1
95.2
95.3
95.4
95.5
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
V
IN = 5V
I
OUT = 200 mA
600
800
1000
1200
1400
1600
1800
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
V
IN = 12V
V
IN = 30V
V
IN = 6V
V
OUT = 3.3V
420
430
440
450
460
470
480
490
500
510
33.5
44.5
5
Boost Voltage (V)
T
A = 25°C
V
DS = 100 mV
0.796
0.797
0.798
0.799
0.800
0.801
0.802
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
V
IN = 12V
V
OUT = 3.3V
I
OUT = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com