Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1633-E/MG Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1633-E/MG
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633-E/MG Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1633-E/MG Datasheet HTML 9Page - Microchip Technology MCP1633-E/MG Datasheet HTML 10Page - Microchip Technology MCP1633-E/MG Datasheet HTML 11Page - Microchip Technology MCP1633-E/MG Datasheet HTML 12Page - Microchip Technology MCP1633-E/MG Datasheet HTML 13Page - Microchip Technology MCP1633-E/MG Datasheet HTML 14Page - Microchip Technology MCP1633-E/MG Datasheet HTML 15Page - Microchip Technology MCP1633-E/MG Datasheet HTML 16Page - Microchip Technology MCP1633-E/MG Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 13
MCP1633
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Switching Frequency Set (FSW)
The switching frequency is set by an external resistor
connected between the FSW pin and Ground. The
frequency can be adjusted between 200 kHz and
2.2 MHz.
3.2
Open-Drain Fault Indicator
(FAULT)
The open drain output provides an indication about
chip status. This output is active low and is triggered by
the input undervoltage, output overvoltage and over-
temperature.
3.3
Soft Start/Reference Voltage Set
(SS/Ref)
This pin is the output of the internal Constant Current
Generator (50 µA typical). An external resistor must be
connected between this pin and GND. The current
flowing in this resistor will set the reference voltage.
Optionally, a capacitor may also be connected between
this pin and GND to set the soft start ramp behavior.
This pin may be overdriven by an external voltage
source, enabling the reference voltage to be controlled
externally.
3.4
Error Amplifier Output (COMP)
COMP is the internal error amplifier output pin. External
compensation is connected from COMP to GND for
control-loop stabilization.
3.5
Inverting Error Amplifier Input
(FB)
FB is the internal error amplifier inverting input pin. The
output (voltage or current) is sensed and fed back to
the FB pin for regulation. Inverting or negative
feedback is used.
3.6
Current Sense Operational
Amplifier Output (IOUT)
This pin is connected to the current sense operational
amplifier output. It can be connected directly to the FB
pin to close the current loop or to a microcontroller to
measure the output current.
3.7
Current Sense Operational
Amplifier Positive Input (ISP)
This pin is directly connected to the noninverting input
of the current sense operational amplifier.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1FSW
Switching Frequency Set
2
FAULT
Open-Drain Fault Indicator
3SS/VREF
Soft Start/Reference Voltage Set
4
COMP
Error Amplifier Output
5
FB
Inverting Error Amplifier Input
6IOUT
Current Sense Operational Amplifier Output
7
ISP
Current Sense Operational Amplifier Positive Input
8
ISN
Current Sense Operational Amplifier Negative Input
9
CSO
Current Sense Offset
10
CS
Current Sense Input
11
VEXT
PWM Output signal
12
VCC
Input Bias
13
SDRV
Series Dimming MOSFET Gate Driver Output
14
DIMM
PWM Dimming Input
15
OVP
Overvoltage Protection Input
16
EN/Sync
Enable or external synchronization input
—
EP
Exposed Thermal Pad, Analog Ground and Power Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com