Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3910A1-E/SS Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3910A1-E/SS
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910A1-E/SS Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3910A1-E/SS Datasheet HTML 51Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 52Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 53Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 54Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 55Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 56Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 57Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 58Page - Microchip Technology MCP3910A1-E/SS Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 55
MCP3910
7.0
TWO-WIRE SERIAL
INTERFACE DESCRIPTION
7.1
OVERVIEW
The Two-Wire Interface mode is designed for
applications that require galvanic isolation. It allows a
minimum number of digital isolator channels, specifi-
cally one bidirectional or two unidirectional channels, to
be connected to the MCP3910 when interfacing
through an isolation barrier. This functionality reduces
the total system cost in an isolated applications system,
such as a polyphase shunt-based energy meter. It is
recommended to use the MCP3910 with the Two-Wire
mode for digitally isolated applications and with the SPI
mode for other applications where galvanic isolation is
not required.
The principle of this Two-Wire Interface mode is simple:
it has a Serial Clock input pin (SCK/MCLK) and a Serial
Data Output pin (SDO), and it automatically sends
output data in packets (frames) at a DRCLK data rate
(every time new data are available on the ADC out-
puts). It has no serial input pin to diminish the number
of isolated channels. At the same time, the Serial Clock
pin, SCK, also becomes the Master Clock (MCLK)
input pin of the device and the part becomes fully
synchronous with SCK = MCLK. The system then
becomes fully synchronous and can be driven by only
one Master Clock for multiple phases, which ensures
proper synchronization and constant phase angle
between phases, which is important for an energy
metering application.
The SDO pin becomes the only output of the device
and is fully synchronous with the Serial/Master Clock.
The SDO pin is never in high-impedance in this mode,
and is by default, at logic low when not transmitting
data. The SDO pin Idles logic low in this mode because
most of the digital isolator devices consume less
current in a logic low state than in a logic high state.
This effectively reduces the total power consumption of
a system with digital isolation devices.
When the part has entered Two-Wire mode, the logic
pins, RESET, SDI, CS, OSC1 and DR, become logic
input pins for the configuration of the device (respec-
tively, OSR0/OSR1/BOOST/GAIN0/GAIN1). These pins
need to have well-defined logic states for low-power
applications. These pins define the only settings that can
be modified in Two-Wire mode.
The MDAT0/1 pins are always disabled and kept in a
high-impedance state during the Two-Wire Interface
mode. These pins can be grounded for applications
using exclusively the Two-Wire Interface mode so that
the EMI/EMC susceptibility of the part is improved.
FIGURE 7-1:
MCP3910 Two-Wire Interface Typical Application Schematic.
SDO
GAIN1
SCK/MCLK
OSR0
BOOST
CH0+
CH0-
CH1+
CH1-
MCP3910
ANALOG
DIGITAL
SINC
3
-
+
PGA
GAIN=1x
SINC
3
-
+
PGA
'6
Modulator
MOD<3:0>
MOD<7:4>
'6
Modulator
Isolator
Isolator
2-wire
Interface
OSR1
To SPI Ports
Of an MCU
GAIN0
MDAT0
MDAT1
Logic inputs
connected
to DVDD or
DGND
Main MCU/
CPU Board
Isolation
Barrier
Optional
connections to 2
additional isolators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com