Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP65R41 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP65R41
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41 Datasheet(HTML) 1 Page - Microchip Technology

  MCP65R41 Datasheet HTML 1Page - Microchip Technology MCP65R41 Datasheet HTML 2Page - Microchip Technology MCP65R41 Datasheet HTML 3Page - Microchip Technology MCP65R41 Datasheet HTML 4Page - Microchip Technology MCP65R41 Datasheet HTML 5Page - Microchip Technology MCP65R41 Datasheet HTML 6Page - Microchip Technology MCP65R41 Datasheet HTML 7Page - Microchip Technology MCP65R41 Datasheet HTML 8Page - Microchip Technology MCP65R41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 1
MCP65R41/6
Features:
• Factory Set Reference Voltage
- Available Voltage: 1.21V and 2.4V
- Tolerance: ±1% (typical)
• Low Quiescent Current: 2.5 µA (typical)
• Propagation Delay: 4 µs with 100 mV Overdrive
• Input Offset Voltage: ±3mV (typical)
• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V
• Output Options:
- MCP65R41
 Push-Pull
- MCP65R46
Open-Drain
• Wide Supply Voltage Range: 1.8V to 5.5V
• Packages: SOT23-6
Typical Applications:
• Laptop Computers
• Mobile Phones
• Hand-held Metering Systems
• Hand-held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Window Comparators
Design Aids:
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
Typical Application
Description:
The Microchip Technology Inc. MCP65R41/6 family of
push-pull and open-drain output comparators are
offered with integrated reference voltages of 1.21V and
2.4V. This family provides ±1% (typical) tolerance while
consuming 2.5 µA (typical) current. These comparators
operate with a single-supply voltage as low as 1.8V to
5.5V, which makes them ideal for low cost and/or
battery powered applications.
These comparators are optimized for low-power,
single-supply applications with greater than rail-to-rail
input operation. The output limits supply current surges
and dynamic power consumption while switching. The
internal input hysteresis eliminates output switching
due to internal noise voltage, reducing current draw.
The MCP65R41 output interfaces to CMOS/TTL logic.
The open-drain output device MCP65R46 can be used
as a level-shifter from 1.6V to 10V using a pull-up
resistor. It can also be used as a wired-OR logic.
This family of devices is available in the 6-lead SOT-23
package.
Package Types
VOUT
VDD
R2
RF
R3
VREF
VPU
RPU*
* Pull-up resistor required for the MCP65R46 only.
R4
Thermistor
VREF
Overtemperature Alert
6
4
SOT23-6
MCP65R41/6
1
2
3
5
OUT
VSS
+IN
VDD
VREF
-IN
3 µA Comparator with Integrated Reference Voltage


Similar Part No. - MCP65R41

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP65R41 MICROCHIP-MCP65R41 Datasheet
422Kb / 34P
3 uA Comparator with Integrated Reference Voltage
2010
MCP65R41T-1202E MICROCHIP-MCP65R41T-1202E Datasheet
422Kb / 34P
3 uA Comparator with Integrated Reference Voltage
2010
MCP65R41T-12CHY MICROCHIP-MCP65R41T-12CHY Datasheet
422Kb / 34P
3 uA Comparator with Integrated Reference Voltage
2010
MCP65R41T-2402E MICROCHIP-MCP65R41T-2402E Datasheet
422Kb / 34P
3 uA Comparator with Integrated Reference Voltage
2010
MCP65R41T-24CHY MICROCHIP-MCP65R41T-24CHY Datasheet
422Kb / 34P
3 uA Comparator with Integrated Reference Voltage
2010
More results

Similar Description - MCP65R41

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
Comparator with Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
Comparator with Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
logo
Microchip Technology
MCP65R41 MICROCHIP-MCP65R41 Datasheet
422Kb / 34P
3 uA Comparator with Integrated Reference Voltage
2010
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
Ultralow Power Voltage Comparator with Reference
REV. 0
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
logo
Texas Instruments
TLV6703 TI1-TLV6703_V01 Datasheet
1Mb / 26P
TLV6703 Micropower, 18-V Comparator With Integrated Reference
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
TLV4011 Precision Comparator with Integrated Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com