Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5016-AP32 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5016-AP32
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-AP32 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5016-AP32 Datasheet HTML 15Page - Cirrus Logic CS5016-AP32 Datasheet HTML 16Page - Cirrus Logic CS5016-AP32 Datasheet HTML 17Page - Cirrus Logic CS5016-AP32 Datasheet HTML 18Page - Cirrus Logic CS5016-AP32 Datasheet HTML 19Page - Cirrus Logic CS5016-AP32 Datasheet HTML 20Page - Cirrus Logic CS5016-AP32 Datasheet HTML 21Page - Cirrus Logic CS5016-AP32 Datasheet HTML 22Page - Cirrus Logic CS5016-AP32 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
peaking in its output impedance characteristic at
signal frequencies or their harmonics.
A large capacitor connected between VREF and
AGND can provide sufficiently low output im-
pedance at the high end of the frequency
spectrum, while almost all precision references
exhibit extremely low output impedance at dc.
The magnitude of the current load on the external
reference circuitry will scale to the CLKIN fre-
quency. At full speed, the reference must supply a
maximum load current of 10
µA peak-to-peak
(1
µA typical). For the CS5012A an output im-
pedance of 15
Ω will therefore yield a maximum
error of 150 mV. With a 2.5V reference and LSB
size of 600 mV, this would insure better than 1/4
LSB accuracy. A 1
µF capacitor exhibits an im-
pedance of less than 15
Ω at frequencies greater
than 10 kHz. Similarly, for the CS5014 with a
4.5V reference (275
µV/LSB), better than
1/4 LSB accuracy can be insured with an output
impedance of 4
Ω or less (maximum error of
40
µV). A 2.2 µF capacitor exhibits an imped-
ance of less than 4
Ω at frequencies greater than
5kHz. For the CS5016 with a 4.5V reference
(69
µV/LSB), better than 1/4 LSB accuracy can
be insured with an output impedance of less than
2
Ω (maximum error of 20 µV). A 20 µF capaci-
tor exhibits an impedance of less than 2
Ω at
frequencies greater than 16 kHz. A high-quality
tantalum capacitor in parallel with a smaller ce-
ramic capacitor is recommended.
CLKIN
EOC
Status
EOT
HOLD
SCLK
SDATA
t
d
t
d
Determined
LSB
Fine Charge
Determined
MSB
Determined
MSB - 1
Determined
MSB - 2
Coarse Charge
LSB+1
LSB
MSB
MSB - 1
LSB+2
24
6
8
10
12
64
62
60
80/0
76
78
74
72
70
68
66
CS5016:
24
6
8
10
12
56
54
72/0
68
70
66
64
62
60
58
52
CS5014:
24
6
8
10
12
48
46
44
64/0
60
62
58
56
54
52
50
CS5012A:
Figure 9. Serial Output Timing
Notes: 1. Synchronous (loopback) mode is illustrated. After EOC falls the converter goes into coarse charge mode for
6 CLKIN cycles, then to fine charge mode for 9 cycles, then EOT falls. In loopback mode, EOT trips HOLD
which captures the analog sample. Conversion begins on the next rising edge of CLKIN. If operated asynchro-
nously, EOT will remain low until after HOLD is taken low. When HOLD occurs the analog sample is captured
immediately, but conversion may not begin until four CLKIN cycles later. EOT will return high
when conversion begins.
2. Timing delay td (relative to CLKIN) can vary between 135 ns to 235 ns over the military temperature range
and over
± 10% supply variation
3. EOC returns high in 4 CLKIN cycles if A0 = 1 and CS = RD = 0 (Microprocessor Independent Mode);
within 4 CLKIN cycles after a data read (Microprocessor Mode); or 4 CLKIN cycles after HOLD = 0
is recognized on a rising edge of CLKIN/4.
CS5012A, CS5014, CS5016
DS14F6
2-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com