Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002BKMB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 2N7002BKMB
Description  60 V, single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2N7002BKMB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  2N7002BKMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2N7002BKMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
2N7002BKMB
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 13 June 2012
4 of 15
Nexperia
2N7002BKMB
60 V, single N-channel Trench MOSFET
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
IDM is single pulse
(1) tp = 1 ms
(2) DC; Tsp = 25 °C
(3) tp = 10 ms
(4) tp = 100 ms
(5) DC; Tamb = 25 °C; drain mounting pad 1 cm2
Fig 4.
Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-source
voltage
aaa-002590
10
ID
(A)
10-2
VDS (V)
10-1
102
10
1
1
10-1
limit RDSon = VDS / ID
(1)
(4)
(5)
(3)
(2)
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
305
350
K/W
[2]
-
150
175
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
--40
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com