Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BU2532AL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2532AL
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2532AL Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2532AL Datasheet HTML 1Page - NXP Semiconductors BU2532AL Datasheet HTML 2Page - NXP Semiconductors BU2532AL Datasheet HTML 3Page - NXP Semiconductors BU2532AL Datasheet HTML 4Page - NXP Semiconductors BU2532AL Datasheet HTML 5Page - NXP Semiconductors BU2532AL Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2532AL
Fig.3. Switching times test circuit.
Fig.4. High and low DC current gain. h
FE = f (IC)
V
CE = 1 V
Fig.5. High and low DC current gain. h
FE = f (IC)
V
CE = 5 V
Fig.6. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.7. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.8. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Tmb)
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
0.1
1
10
100
0.01
0.1
1
10
VCEsat / V
BU2530/2AL
IC / A
IC/IB = 10
IC/IB = 5
Tj = 85 C
Tj = 25 C
0.01
0.1
1
10
100
1
10
100
hFE
BU2530/2AL
IC / A
VCE = 1 V
Tj = 85 C
Tj = 25 C
0
1234
0.6
0.7
0.8
0.9
1
VBEsat / V
BU2530/2AL
IC = 9 A
IC = 7 A
IB / A
Tj = 85 C
Tj = 25 C
0.01
0.1
1
10
100
1
10
100
hFE
BU2530/2AL
IC / A
VCE = 5 V
Tj = 85 C
Tj = 25 C
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
September 1997
3
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com