Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BU2708AF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BU2708AF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2708AF Datasheet(HTML) 2 Page - NXP Semiconductors

  BU2708AF Datasheet HTML 1Page - NXP Semiconductors BU2708AF Datasheet HTML 2Page - NXP Semiconductors BU2708AF Datasheet HTML 3Page - NXP Semiconductors BU2708AF Datasheet HTML 4Page - NXP Semiconductors BU2708AF Datasheet HTML 5Page - NXP Semiconductors BU2708AF Datasheet HTML 6Page - NXP Semiconductors BU2708AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2708AF
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
without heatsink compound
-
3.7
K/W
R
th j-hs
Junction to heatsink
with heatsink compound
-
2.8
K/W
R
th j-a
Junction to ambient
in free air
35
-
K/W
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
Repetitive peak voltage from all
R.H.
≤ 65 % ; clean and dustfree
-
2500
V
three terminals to external
heatsink
C
isol
Capacitance from T2 to external f = 1 MHz
-
22
-
pF
heatsink
STATIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
2
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 6 V; IC = 0 A
-
-
70
µA
BV
EBO
Emitter-base breakdown voltage
I
B = 1 mA
7.5
13.5
-
V
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
825
900
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 4 A; IB = 1.33 A
-
-
1.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 4 A; IB = 1.33 A
0.83
0.91
1.00
V
h
FE
DC current gain
I
C = 100 mA; VCE = 5 V
-
21
-
h
FE
I
C = 4 A; VCE = 1 V
3
6
7.3
DYNAMIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (line deflection
I
Csat = 4 A; IB(end) = 0.8 A; -IBM = ICM/2;
circuit 16 kHz)
L
B = 6 µH; -VBB = 4 V; LC = 1 mH;
C
FB = 12.2 nF
t
s
Turn-off storage time
4.8
5.5
µs
t
f
Turn-off fall time
0.4
0.52
µs
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com