Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD61P24GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD61P24GS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD61P24GS Datasheet HTML 9Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 10Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 11Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 12Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 13Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 14Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 15Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 16Page - Renesas Technology Corp UPD61P24GS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
µPD61P24
11
11.5
S-OUT Pin
By going low whenever the carrier frequency is output from the REM pin, the S-OUT pin indicates that
communication is in progress.
The S-OUT pin is CMOS output.
The S-OUT pin goes high on reset.
11.6
S-IN Pin (D0 bit of P1)
To input serial data, use the S-IN pin. When control register (P1) is set to serial input mode, the S-IN pin is
connected as an input to the LSB of the accumulator; the S-IN pin is pulled down to the VSS level within the LSI.
In this state, if the rotate-left accumulator instruction (RL A) is executed, the data on the S-IN pin is copied to the
LSB of the accumulator.
If the control register is released from serial input mode, the S-IN pin goes into a high-impedance state, but no
through current flows internally. When the RL A instruction is executed, the MSB is copied to the LSB.
At reset (all cleared), the S-IN pin goes into a high-impedance state.
Figure 11-3. Configuration of the S-IN Pin
A 3
A 2
A 1
A 0
CY
Control register
S-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com