Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD69A Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # UPD69A
Description  MOS INTEGRATED CIRCUIT
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69A Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button UPD69A Datasheet HTML 57Page - Renesas Technology Corp UPD69A Datasheet HTML 58Page - Renesas Technology Corp UPD69A Datasheet HTML 59Page - Renesas Technology Corp UPD69A Datasheet HTML 60Page - Renesas Technology Corp UPD69A Datasheet HTML 61Page - Renesas Technology Corp UPD69A Datasheet HTML 62Page - Renesas Technology Corp UPD69A Datasheet HTML 63Page - Renesas Technology Corp UPD69A Datasheet HTML 64Page - Renesas Technology Corp UPD69A Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
59
µPD69A
Data Sheet U16363EJ1V1DS
AC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Command execution time
tCY
When normal instruction execution is selected
14
16
18.5
µs
When high-speed instruction execution is
7
8
9.25
µs
selected
KI, S0, S1, S2 high-level
tH
10
µs
width
When releasing standby mode
In HALT mode
10
µs
In STOP mode
Note
µs
Note 10 + 284/fX + oscillation growth time (normal instruction execution), 10 + 270/fX + oscillation growth time
(high-speed instruction execution)
Remark tCY = 64/fX (normal instruction execution), tCY = 32/fX (high-speed instruction execution)(fX: System clock
oscillator frequency)
POC Circuit (TA = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
POC detection voltageNote
VPOC
When normal POC detection voltage is selected
1.85
2.0
V
When low POC detection voltage is selected
1.7
1.8
V
Note Refers to the voltage with which the POC circuit releases an internal reset. If VPOC < VDD, the internal
reset is released.
From the time of VPOC
≥ VDD until the internal reset takes effect, a delay of up to 1 ms occurs. When the
period of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Oscillator frequency
fX
3.5
4.0
4.5
MHz
(ceramic resonator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com