Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD70F3003A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD70F3003A
Description  MOS INTEGRATED CIRCUIT
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70F3003A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD70F3003A Datasheet HTML 1Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 2Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 3Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 4Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 5Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 6Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 7Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 8Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
1998
DATA SHEET
The mark
shows major revised points.
MOS INTEGRATED CIRCUIT
µPD70F3003A,70F3025A,70F3003A(A)
V853
32-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U13189EJ5V1DS00 (5th edition)
Date Published August 2005 N CP(K)
Printed in Japan
DESCRIPTION
The
µPD70F3003A, µPD70F3025A, and µPD70F3003A(A) have a flash memory instead of the internal mask ROM
of the
µPD703003A/703004A, µPD703025A, and µPD703003A(A), respectively. This model is useful for small-scale
production of a variety of application sets or early start of production since the program can be written and erased
by the user even with the
µPD70F3003 mounted on the board.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V853 Hardware User’s Manual:
U10913E
V850 Series Architecture User’s Manual: U10243E
FEATURES
• Compatible with
µPD703003A, 703004A, 703025A, and 703003A(A)
• Can be replaced with mask ROM model for mass production of application set
µPD70F3003A → µPD703003A, 703004A
µPD70F3025A → µPD703025A
µPD70F3003A(A) → µPD703003A(A)
• Internal memory
Flash memory: 128KB (
µPD70F3003A, 70F3003A(A))
256KB (
µPD70F3025A)
Remark For differences among the products, refer to 1. DIFFERENCES BETWEEN PRODUCT.
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD70F3003AGC-33-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD70F3003AGC-33-8EU-A
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD70F3025AGC-33-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD70F3025AGC-33-8EU-A
100-pin plastic LQFP (fine pitch) (14
× 14)
Standard
µPD70F3003AGC(A)-33-8EU
100-pin plastic LQFP (fine pitch) (14
× 14)
Special
Remarks 1. The
µPD70F3003A and µPD70F3003A(A) differ in the quality grade only.
2. Products with -A at the end of the part number are lead-free products.
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by
NEC Electronics Corporation to know the specification of the quality grade on the devices and its
recommended applications.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com