Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BU2708AX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU2708AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2708AX Datasheet(HTML) 5 Page - NXP Semiconductors

  BU2708AX Datasheet HTML 1Page - NXP Semiconductors BU2708AX Datasheet HTML 2Page - NXP Semiconductors BU2708AX Datasheet HTML 3Page - NXP Semiconductors BU2708AX Datasheet HTML 4Page - NXP Semiconductors BU2708AX Datasheet HTML 5Page - NXP Semiconductors BU2708AX Datasheet HTML 6Page - NXP Semiconductors BU2708AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2708AX
Fig.13. Normalised power dissipation.
PD% = 100
⋅PD/PD 25˚C = f (T
hs)
Fig.14. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.15. Test Circuit RBSOA. V
CC = 150 V;
-V
BB = 1 - 4 V;
L
C = 1 mH; VCL = 1500 V; LB = 1 - 3 µH;
C
FB = 1 - 4 nF; IB(end) = 0.8 - 4 A
Fig.16. Reverse bias safe operating area. T
j ≤ Tjmax
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
1.0E-06
1E-04
1E-02
1E+00
0.001
0.01
0.1
1
10
0
0.2
0.1
0.05
0.02
0.5
BU2708AF/DF
tp / sec
Zth / K/W
D =
D =
tp
tp
T
T
P
t
D
100
1000
0
2
4
6
8
10
12
14
16
VCE / V
IC / A
BU2708AF/DF
Area where
Fails occur
1700
September 1997
5
Rev 1.100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com