Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BU2708DF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BU2708DF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2708DF Datasheet(HTML) 1 Page - NXP Semiconductors

  BU2708DF Datasheet HTML 1Page - NXP Semiconductors BU2708DF Datasheet HTML 2Page - NXP Semiconductors BU2708DF Datasheet HTML 3Page - NXP Semiconductors BU2708DF Datasheet HTML 4Page - NXP Semiconductors BU2708DF Datasheet HTML 5Page - NXP Semiconductors BU2708DF Datasheet HTML 6Page - NXP Semiconductors BU2708DF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2708DF
GENERAL DESCRIPTION
High voltage, high-speed switching npn transistor with integrated damper diode in a plastic full-pack envelope.
Intended for use in horizontal deflection circuits of colour television receivers. Features exceptional tolerance to
base drive and collector current load variations resulting in a low worst case dissipation. Designed to withstand V
CES
pulses up to 1700V.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1700
V
V
CEO
Collector-emitter voltage (open base)
-
825
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
15
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4 A; IB = 1.33 A
-
1.0
V
I
Csat
Collector saturation current
f = 16 kHz
4.0
-
A
V
F
Diode forward voltage
I
F = 4.0 A
1.6
-
V
t
s
Storage time
I
Csat = 4 A; f = 16 kHz
4.8
5.5
µs
PINNING - SOT199
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1700
V
V
CEO
Collector-emitter voltage (open base)
-
825
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
15
A
I
B
Base current (DC)
-
4
A
I
BM
Base current peak value
-
6
A
-I
BM
Reverse base current peak value
1
-5
A
P
tot
Total power dissipation
T
hs ≤
25 ˚C
-
45
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
ESD LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor voltage Human body model (250 pF,
-
10
kV
1.5 k
Ω)
12
3
case
b
c
e
Rbe
1 Turn-off current.
September 1997
1
Rev 1.400


Similar Part No. - BU2708DF

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BU2708DF SAVANTIC-BU2708DF Datasheet
118Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU2708DF ISC-BU2708DF Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2708DF SAVANTIC-BU2708DF Datasheet
119Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU2708DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com