Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV5410C036 Datasheet(PDF) 70 Page - STMicroelectronics

Part # VV5410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410C036 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button VV5410C036 Datasheet HTML 66Page - STMicroelectronics VV5410C036 Datasheet HTML 67Page - STMicroelectronics VV5410C036 Datasheet HTML 68Page - STMicroelectronics VV5410C036 Datasheet HTML 69Page - STMicroelectronics VV5410C036 Datasheet HTML 70Page - STMicroelectronics VV5410C036 Datasheet HTML 71Page - STMicroelectronics VV5410C036 Datasheet HTML 72Page - STMicroelectronics VV5410C036 Datasheet HTML 73Page - STMicroelectronics VV5410C036 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
70/105
[22],
[16] - data_format
5
Enable RESETB pin as SIN
Off / On
0
On power up the RESETB pin is configured as an
active low system reset which will synchronise the
video timing logic and reset all serial registers to
their default state. Setting this bit configures the
RESETB
pin
as
an
active
high
system
synchronisation
signal
(SIN)
which
will
synchronise the video timing but will NOT reset the
serial registers.
7:6
unused
0
Mapping Enable
FST pin
QCK pin
0
FST
QCK
1
pin_mapping[2]
pin_mapping[1]
Table 38 : FST/QCK Pin Selection
oeb_composite
pin_map[4]
pin_map[3]
Comments
0
0
0
Drive strength = 2mA (Default)
0
0
1
Drive strength = 4mA
0
1
0
Drive strength = 6mA
0
1
1
unallocated
1
x
x
Outputs are not being driven therefore
driver strength is irrelevant
Table 39 : Output driver strength selection
Bit
Function
Default
Comment
1:0
Unused
1
2
Line read-out order (vertical)
Unshuffled or Shuffled
0
If the line read out is shuffled then all the even address
rows will be read out first followed by all the odd
address rows
3
Pixel read-out order (hmirror)
Normal or Mirrored
0
If the pixel read out is horizontally mirrored then the
columns are read out in reverse order, that is the
column on the right of the sensor array will appear on
the left of the displayed image and vice versa
4
Line read-out order (vertical flip)
Normal or Mirrored
0
If the line read out is vertically mirrored then the rows
are read out in reverse order, that is the row at the
bottom of the array will appear at the top of the
displayed image and vice versa.
Table 40 : [22],
[16] - data_format
Bit
Function
Default
Comment
Table 37 : [21],
[15] - pin_mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com