Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POC-IPSM90CS3 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-IPSM90CS3
Description  270Wh Intelligent Power System with 3 x 90Wh Lithium-Ion Battery Packs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-IPSM90CS3 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-IPSM90CS3 Datasheet HTML 1Page - Advantech Co., Ltd. POC-IPSM90CS3 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
POC-IPSM90
Unit: mm
Dimensions
Charging Station Specifications
Multi-Battery Charging Station
Number of Bays
3
Power input voltage
100~240V AC, 19V, 150W Power Adaptor
Charger time
Three battery Packs
0~80%: ~150 mins
0~100%: ~ 210 mins
I/O Ports
1 x DC-in (Terminal Block 4P)
Battery LED Indicator
3 x LEDs
Green light : Fully charge battery pack in charger
Red light : Battery pack is charging
Operating Temperature
0 ~ 35 °C (10 ~ 35 °C: Battery Charging)
Storage Temperature
-10 ~ 50 °C
Weight
< 1 KG
Dimension
135.4 x 130.4 x 70.1 mm
Certification
CE/FCC/IEC62368
Ordering Information
Part Number
Description
POC-IPSM90PS2
POC- Power System w/ 2 batteries, VESA, cables
POC-IPSM90PS3
POC- Power System w/ 3 batteries, VESA, cables
POC-IPSM90B2
Battery Pack (2 pcs) of POC - Power System
POC-IPSM90CS3
Charging station (3 slots) of POC - Power System
POC-IPSM90PSA
Adapter (optional) of POC - Power System
Accessories
Part Number
Description
1702002600
Power Cable (USA) 1.8 M
1702002605
Power Cable (Europe) 1.8 M
1700018704
Power Cord (UK) 1.8 M
Unit: mm
Dimensions
Client App
Installation package includes:
Deviceon-app-M90client
Server App
Installation package includes:
Deviceon-app-M90service
For Battery Management Software, contact Advantech Sales team.
Battery Management Software: DeviceOn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com