Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24CS32-SSHM-B Datasheet(PDF) 23 Page - Microchip Technology

Part # AT24CS32-SSHM-B
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-SSHM-B Datasheet(HTML) 23 Page - Microchip Technology

Back Button AT24CS32-SSHM-B Datasheet HTML 19Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 20Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 21Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 22Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 23Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 24Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 25Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 26Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Since the Address Pointer of the device is shared between the regular EEPROM array and the serial number block, a
dummy write sequence, as part of a random read or sequential read protocol, should be performed to ensure the
Address Pointer is set to a known value. Reading the serial number from a location other than the first address of the
block will not result in a unique serial number.
Additionally, the word address contains a ‘10’ sequence in bit A11 and A10 of the word address, regardless of the
intended address as depicted in Table 6-2. If a word address other than ‘10’ is used, then the device will output
undefined data.
Note:  If the application desires to read the first byte of the serial number, the word address input would need to be
0800h.
When the end of the 128-bit serial number is reached (16 bytes of data), continued reading of the extended memory
region will result in an additional 16 bytes of 00h data. Upon reaching the end of the 32-byte extended memory
region, the data word address will rollover back to the beginning of the 128-bit serial number. The serial number read
operation is terminated when the bus master does not respond with an ACK (it NACKs) during the ninth clock cycle.
After the NACK response, the master may send a Stop condition to complete the protocol, or it can send a Start
condition to begin the next sequence (see Figure 8-4).
Figure 8-4. Serial Number Read
SCL
SDA
Start Condition
by Master
Device Address Byte
First Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
1
A
2
A
1
A
0
0
0
Dummy Write
X
X
X
X
1
0
X
X
0
ACK
from Slave
ACK
from Slave
Second Word Address Byte
MSb
X
ACK
from Slave
X
0
X
0
0
0
0
0
Start Condition
by Master
ACK
from Slave
NACK
from Master
Stop Condition
by Master
ACK
from Master
Device Address Byte
Serial Number Byte0
Serial Number Byte15
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
1
A
2
A
1
A
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
0
D7 D6 D5 D4 D3 D2 D1 D0
1
MSb
MSb
MSb
AT24CS32
Read Operations
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com