Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24CS32-SSHM-T Datasheet(PDF) 19 Page - Microchip Technology

Part # AT24CS32-SSHM-T
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-SSHM-T Datasheet(HTML) 19 Page - Microchip Technology

Back Button AT24CS32-SSHM-T Datasheet HTML 15Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 16Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 17Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 18Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 19Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 20Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 21Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 22Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Figure 7-2.  Page Write
SCL
SDA
Start Condition
by Master
ACK
from Slave
ACK
from Slave
Device Address Byte
First Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
X
X
X
X
A11 A10 A9
A8
0
ACK
from Slave
ACK
from Slave
Stop Condition
by Master
ACK
from Slave
Second Word Address Byte
Data Word (n)
Data Word (n+x), max of 32 without rollover
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
A7
A6
A5
A4 A3 A2
A1 A0
0
D7 D6 D5 D4 D3 D2 D1 D0
0
D7 D6 D5 D4 D3 D2 D1 D0
0
MSb
MSb
MSb
7.3
Acknowledge Polling
An Acknowledge Polling routine can be implemented to optimize time-sensitive applications that would prefer not to
wait the fixed maximum write cycle time (tWR). This method allows the application to know immediately when the
Serial EEPROM write cycle has completed, so a subsequent operation can be started.
Once the internally self-timed write cycle has started, an Acknowledge Polling routine can be initiated. This involves
repeatedly sending a Start condition followed by a valid device address byte with the R/W bit set at logic ‘0’. The
device will not respond with an ACK while the write cycle is ongoing. Once the internal write cycle has completed, the
EEPROM will respond with an ACK, allowing a new read or write operation to be immediately initiated. A flowchart
has been included below in Figure 7-3 to better illustrate this technique.
Figure 7-3. Acknowledge Polling Flowchart
Did
the device
ACK?
Send any
Write
protocol.
Send
Stop
condition
to initiate the
Write cycle.
Send Start
condition followed
by a valid
Device Address
byte with R/W = 0.
Proceed to
next Read or
Write operation.
NO
YES
7.4
Write Cycle Timing
The length of the self-timed write cycle (tWR) is defined as the amount of time from the Stop condition that begins the
internal write cycle to the Start condition of the first device address byte sent to the AT24CS32 that it subsequently
responds to with an ACK. Figure 7-4 has been included to show this measurement. During the internally self-timed
write cycle, any attempts to read from or write to the memory array will not be processed.
AT24CS32
Write Operations
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com