Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC080SMA120B4 Datasheet(PDF) 1 Page - Microchip Technology

Part # MSC080SMA120B4
Description  1200 V, 80 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA120B4 Datasheet(HTML) 1 Page - Microchip Technology

  MSC080SMA120B4 Datasheet HTML 1Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 2Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 3Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 4Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© 2023 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS00004673B-page 1
MSC080SMA120B4
1200 V, 80 mΩ SiC N-Channel Power MOSFET
Product Overview
TO-247 4-lead Package with a Source Sense, Typ. 80 mΩ at 20 VGS
Features
The following are key features of the MSC080SMA120B4 device:
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness
• RoHS compliant
Benefits
The following are benefits of the MSC080SMA120B4 device:
• High efficiency to enable lighter, more compact system
• Simple to drive and easy to parallel
• Improved thermal capabilities and lower switching losses
• Eliminates the need for external freewheeling diode
• Lower system cost of ownership
Applications
The MSC080SMA120B4 device is designed for the following applications:
• PV inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• H/EV powertrain and EV charger
• Power supply and distribution


Similar Part No. - MSC080SMA120B4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MSC080SMA120B ISC-MSC080SMA120B Datasheet
322Kb / 3P
SiC N-Channel MOSFET
More results

Similar Description - MSC080SMA120B4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSIC1MO120E0160 LITTELFUSE-LSIC1MO120E0160 Datasheet
943Kb / 8P
LSIC1MO120E0160 1200 V N-channel, Enhancement-mode SiC MOSFET
logo
ON Semiconductor
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
419Kb / 8P
MOSFET ??Power, N-Channel, Silicon Carbide, 1200 V, 80 m
December, 2019??Rev. 1
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
288Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 1
NTBG080N120SC1 ONSEMI-NTBG080N120SC1 Datasheet
240Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 80 m, 30 A
April, 2020 ??Rev. 1
logo
Littelfuse
LSIC1MO120G0025 LITTELFUSE-LSIC1MO120G0025 Datasheet
415Kb / 10P
1200 V, 25 mOhm N-Channel SiC MOSFET
2/8/2021
LSIC1MO120G0120 LITTELFUSE-LSIC1MO120G0120 Datasheet
528Kb / 10P
1200 V, 120 mOhm N-Channel SiC MOSFET
12/16/2020
logo
Microchip Technology
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
MSC750SMA170SA MICROCHIP-MSC750SMA170SA Datasheet
5Mb / 15P
1700 V 750 mΩ SiC N-Channel Power MOSFET
03/2022 Revision A
logo
Nexperia B.V. All right...
PSMN050-80PS NEXPERIA-PSMN050-80PS Datasheet
343Kb / 15P
N-channel 80 V 46 mΩ standard level MOSFET
Rev. 2 - 28 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com