Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL40294LDF6 Datasheet(PDF) 13 Page - Microchip Technology

Part # ZL40294LDF6
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294LDF6 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ZL40294LDF6 Datasheet HTML 9Page - Microchip Technology ZL40294LDF6 Datasheet HTML 10Page - Microchip Technology ZL40294LDF6 Datasheet HTML 11Page - Microchip Technology ZL40294LDF6 Datasheet HTML 12Page - Microchip Technology ZL40294LDF6 Datasheet HTML 13Page - Microchip Technology ZL40294LDF6 Datasheet HTML 14Page - Microchip Technology ZL40294LDF6 Datasheet HTML 15Page - Microchip Technology ZL40294LDF6 Datasheet HTML 16Page - Microchip Technology ZL40294LDF6 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 13
ZL40294
FIGURE 3-5:
POWER SUPPLY FILTERING.
3.5
OE# and Output Enables (Control Register)
Each output can be individually enabled or disabled by SMBus control register bits or via OE# pin. The OE# pins are
asynchronous asserted-low signals. The Output Enable bits in the SMBus registers are active high and are set to enable
by default.
OE# pins are mapped to CK[12:5] outputs.
Note that the logic level for assertion or de-assertion is different in software than it is on hardware. This follows hardware
default nomenclature for communication channels (e.g., output is enabled if OE# pin is pulled low) and still maintains
software programming logic (e.g., output is enabled if OE register is true).
Refer to Table 3-1 for the truth table for enabling and disabling outputs via hardware and software. Note that both the
control register bit must be a ‘1’ AND the OE# pin must be a ‘0’ for the output to be active.
3.6
OE# Assertion (Transition from ‘1’ to ‘0’)
All differential outputs that were disabled are to resume normal operation in a glitch free manner. The latency from the
assertion to active outputs is 0 - 10 CK clock periods.
3.7
OE# De-Assertion (Transition from ‘0’ to ‘1’)
The impact of de-asserting OE# is each corresponding output will transition from normal operation to disabled in a glitch
free manner. A minimum of four valid clocks will be provided after the de-assertion of OE#. The maximum latency from
the de-assertion to disabled outputs is 10 CK clock periods.
TABLE 3-1:
OE FUNCTIONALITY
Inputs
OE# Hardware Pins and Control Register Bits
PWRGD/
PWRDN#
CK_IN/
CK_IN#
SMBUS
Enable Bit
OE# Pin
CK/CK#
[12:5]
CK/CK#
[4:0] and [19:13]
0
X
X
X
0
0
1
Running
0
X
0
0
1
0
Running
Running
1
1
0
Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com