Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150AMAE Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMAE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMAE Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 18Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 14 of 111
APRIL 2006 – Revision 1.1
Name
Pin #
Pin #
Type
Description
P_M66EN
102
R14
I
Primary Interface 66MHz Operation.
This input is used to specify if PI7C8150A is capable of
running at 66MHz. For 66MHz operation on the Primary
bus, this signal should be pulled “HIGH”. For 33MHz
operation on the Primary bus, this signal should be
pulled LOW. In this condition, S_M66EN will be
driven LOW, forcing the secondary bus to run at 33MHz
also.
2.2.2
SECONDARY BUS INTERFACE SIGNALS
Name
Pin #
Pin #
Type
Description
S_AD[31:0]
206, 204, 203,
201, 200, 198,
197, 195, 192,
191, 189, 188,
186, 185, 183,
182, 165, 164,
162, 161, 159,
154, 152, 150,
147, 146, 144,
143, 141, 140,
138, 137
A4, D5, C5,
A5, B5, D6,
A6, C6, C7,
A7, B7, C8,
A8, B8, A9,
C9, C12, D12,
A14, B13, A15,
B16, E13, C16,
E14, D16, F13,
E16, F14, F15,
F16, G16
TS
Secondary Address/Data: Multiplexed address and
data bus. Address is indicated by S_FRAME_L
assertion. Write data is stable and valid when
S_IRDY_L is asserted and read data is stable and valid
when S_IRDY_L is asserted. Data is transferred on
rising clock edges when both S_IRDY_L and
S_TRDY_L are asserted. During bus idle, PI7C8150A
drives S_AD to a valid logic level when S_GNT_L is
asserted respectively.
S_CBE[3:0]
194, 180, 167, 149
B6, B9, B12,
E15
TS
Secondary Command/Byte Enables: Multiplexed
command field and byte enable field. During address
phase, the initiator drives the transaction type on these
pins. The initiator then drives the byte enables during
data phases. During bus idle, PI7C8150A drives
S_CBE[3:0] to a valid logic level when the internal
grant is asserted.
S_PAR
168
A13
TS
Secondary Parity: Parity is even across S_AD[31:0],
S_CBE[3:0], and S_PAR (i.e. an even number of 1’s).
S_PAR is an input and is valid and stable one cycle after
the address phase (indicated by assertion of
S_FRAME_L) for address parity. For write data phases,
S_PAR is an input and is valid one clock after
S_IRDY_L is asserted. For read data phase, S_PAR is
an output and is valid one clock after S_TRDY_L is
asserted. Signal S_PAR is tri-stated one cycle after the
S_AD lines are tri-stated. During bus idle, PI7C8150A
drives S_PAR to a valid logic level when the internal
grant is asserted.
S_FRAME_L
179
A10
STS
Secondary FRAME (Active LOW): Driven by the
initiator of a transaction to indicate the beginning and
duration of an access. The de-assertion of S_FRAME_L
indicates the final data phase requested by the initiator.
Before being tri-stated, it is driven to a de-asserted state
for one cycle.
S_IRDY_L
177
B10
STS
Secondary IRDY (Active LOW): Driven by the
initiator of a transaction to indicate its ability to
complete current data phase on the secondary side.
Once asserted in a data phase, it is not de-asserted until
the end of the data phase. Before tri-stated, it is driven
to a de-asserted state for one cycle.
S_TRDY_L
176
C10
STS
Secondary TRDY (Active LOW): Driven by the target
of a transaction to indicate its ability to complete current
data phase on the secondary side. Once asserted in a
data phase, it is not de-asserted until the end of the data
phase. Before tri-stated, it is driven to a de-asserted state
for one cycle.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com