Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW16FB4T3F Datasheet(PDF) 61 Page - STMicroelectronics

Part # M58BW16FB4T3F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16FB4T3F Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M58BW16FB4T3F Datasheet HTML 57Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 58Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 59Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 60Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 61Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 62Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 63Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 64Page - STMicroelectronics M58BW16FB4T3F Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
M58BW16F, M58BW32F
Package mechanical
61/81
8
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second-level interconnect. The category of
Second-Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 22.
LBGA80 10 × 12mm - 8 × 10 ball array, 1mm pitch, bottom view package
outline
1.
Drawing is not to scale.
E1
E
D1
D
eb
A2
A1
A
BGA-Z05
ddd
FD
FE
SD
SE
e
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com