Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF8NK100Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF8NK100Z
Description  N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NK100Z Datasheet(HTML) 4 Page - STMicroelectronics

  STF8NK100Z Datasheet HTML 1Page - STMicroelectronics STF8NK100Z Datasheet HTML 2Page - STMicroelectronics STF8NK100Z Datasheet HTML 3Page - STMicroelectronics STF8NK100Z Datasheet HTML 4Page - STMicroelectronics STF8NK100Z Datasheet HTML 5Page - STMicroelectronics STF8NK100Z Datasheet HTML 6Page - STMicroelectronics STF8NK100Z Datasheet HTML 7Page - STMicroelectronics STF8NK100Z Datasheet HTML 8Page - STMicroelectronics STF8NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2 Electrical characteristics
STF8NK100Z - STP8NK100Z
4/13
Table 6.
Switching times
Table 7.
Source drain diode
Table 8.
Gate-source zener diode
(1) Limited only by maximum temperature allowed
(2)ISD ≤ 6.5 A, di/dt ≤ 200A/µs, VDS ≤ V(BR)DSS, Tj≤ Tjmax
(3) Pulse width limited by safe operating area
(4) The built-in-back-to-back Zener diodes have specifically been designed to enanche not only the device’s ESD capability, but
also to make them safely absorb possible voltage is appropriate to archieve an efficient and cost-effective intervention to
protect the device’s integrity. These integrated Zener diodes thus avoid the usage of external components.
(5) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80% VDSS
(6) Pulsed: pulse duartion = 300µs, duty cycle 1.5%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD=500 V, ID= 3.15 A,
RG=4.7Ω, VGS=10V
(see Figure 18)
28
19
ns
ns
td(off)
tf
Turn-off Delay Time
FallTime
VDD=500 V, ID=3.15 A,
RG=4.7Ω, VGS=10V
(see Figure 18)
59
30
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM Note 3
Source-drain Current
Source-drain Current (pulsed)
6.5
26
A
A
VSDNote 2
Forward on Voltage
ISD=6.3A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=6.3A, di/dt = 100A/µs,
VDD=50 V, Tj=25°C
620
5.3
17
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=6.3A, di/dt = 100A/µs,
VDD=50 V, Tj=150°C
840
7.5
18
ns
µC
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Note 4
Gate-Source Breakdown
Voltage
Igs = ± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com