Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMFXHDMI2BA-C Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PCMFXHDMI2BA-C
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMFXHDMI2BA-C Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PCMFXHDMI2BA-C Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 14Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 15Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 16Page - Nexperia B.V. All rights reserved PCMFXHDMI2BA-C Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nexperia
PCMFxHDMI2BA-C series
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCMF3HDMI2BA/C
pcmf3hdmi2ba-c_po
Unit
mm
max
nom
min
0.64 0.42
2.42 1.22
0.80
A
Dimensions (mm are the original dimensions)
WLCSP15: wafer level chip-size package; 15 bumps (6-3-6)
PCMF3HDMI2BA/C
A1
b
0.31
D
E
e
e1
e2
0.80
e3
0.61 0.41
2.37 1.17 0.40 0.40
0.26
0.58 0.40
2.32 1.12
0.21
0
1 mm
scale
detail X
A
A1
D
E
bump A1
index area
bump A1
index area
X
e2
e
e1
e3
b
1
2
4
3
6
5
A
B
C
1/2 e
B1
B2
B3
20-05-06
Fig. 19. Package outline WLCSP15
PCMFXHDMI2BA_C_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 20 May 2020
13 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com