Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMFXHDMI2S_SER Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PCMFXHDMI2S_SER
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMFXHDMI2S_SER Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PCMFXHDMI2S_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMFXHDMI2S_SER Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
PCMFXHDMI2S_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 19 April 2016
10 of 20
Nexperia
PCMFXHDMI2S series
Common-mode EMI filter for differential channels with ESD protection
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snapback behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snapback state after exceeding
breakdown voltage (due to an ESD pulse for instance).
Transmission Line Pulse (TLP) = 100 ns;
tr = 1 ns
Transmission Line Pulse (TLP) = 100 ns;
tr = 1 ns
Fig 13. Dynamic resistance with positive clamping;
typical values
Fig 14. Dynamic resistance with negative clamping;
typical values
Very-Fast Transmission Line Pulse (VF-TLP) = 5 ns;
tr = 600 ps
Very-Fast Transmission Line Pulse (VF-TLP) = 5 ns;
tr = 600 ps
Fig 15. Dynamic resistance with positive clamping;
typical values
Fig 16. Dynamic resistance with negative clamping;
typical values
VCL (V)
025
20
10
15
5
aaa-019781
10
15
5
20
25
I
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-019782
-15
-10
-20
-5
0
I
(A)
-25
VCL (V)
025
20
10
15
5
aaa-021984
10
15
5
20
25
I
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-021983
-15
-10
-20
-5
0
I
(A)
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com