Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMF1HDMI2S Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PCMF1HDMI2S
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF1HDMI2S Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PCMF1HDMI2S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 14Page - Nexperia B.V. All rights reserved PCMF1HDMI2S Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
PCMFXHDMI2S_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 19 April 2016
11 of 20
Nexperia
PCMFXHDMI2S series
Common-mode EMI filter for differential channels with ESD protection
7.
Application information
The device is designed to provide high-level ESD protection and common-mode filtering
for differential high-speed data line pairs such as:
• HDMI 2.0
• Transition-Minimized Differential Signaling (TMDS)
• DisplayPort
• external Serial Advanced Technology Attachment (eSATA)
• Low Voltage Differential Signaling (LVDS)
When designing the PCB, give careful consideration to impedance matching and signal
coupling. Do not connect the protected signal lines to unlimited current sources like, for
example, a battery.
According to IEC 61000-4-5 (8/20
s)
According to IEC 61000-4-5 (8/20
s)
Fig 17. Dynamic resistance with positive clamping;
typical values
Fig 18. Dynamic resistance with negative clamping;
typical values
VCL (V)
010
8
46
2
aaa-022150
4
6
2
8
10
I
(A)
0
VCL (V)
-10
0
-2
-6
-4
-8
aaa-022151
-6
-4
-8
-2
0
I
(A)
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com