Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.3/NOM3 Datasheet(PDF) 23 Page - Texas Instruments

Part # LP2985IM5-3.3/NOM3
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-3.3/NOM3 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP2985IM5-3.3/NOM3 Datasheet HTML 19Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 20Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 21Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 22Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 23Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 24Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 25Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 26Page - Texas Instruments LP2985IM5-3.3/NOM3 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
The ESR of a typical tantalum increases by approximately 2:1 as the temperature goes from 25°C down to
–40°C, so some guard band must be allowed.
8.2.2.2 ON/OFF Input Operation
The LP2985-N is shut off by driving the ON/OFF input low, and turned on by pulling the ON/OFF input high. If
this feature is not used, the ON/OFF input must be tied to VIN to keep the regulator output on at all times.
To provide proper operation, the signal source used to drive the ON/OFF input must be able to swing above
and below the specified turn-on/turn-off voltage thresholds listed in the Electrical Characteristics section under
VON/OFF. For the legacy chip, to prevent misoperation, the turn-on (and turn-off) voltage signals applied to the
ON/OFF input must have a slew rate that is ≥ 40 mV/µs. But for the new chip, there is no restriction on the slew
rate of the voltage signals applied to the ON/OFF pin.
8.2.3 Application Curves
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
Figure 8-3. Short-Circuit Current for Legacy Chip at VIN = 6 V
200
s/div
0
200
400
600
800
1000
-6
-600
-5
0
-4
600
-3
1200
-2
1800
-1
2400
0
3000
1
3600
2
4200
3
4800
4
5400
5
6000
VIN = 6 V
Cbyp = 10 nF
VO = 3.3 V
VO
I SC
VIN = 6 V
Figure 8-4. Short-Circuit Current for New Chip at VIN = 6 V
Figure 8-5. Short-Circuit Current for Legacy Chip at VIN = 16 V
200
s/div
0
200
400
600
800
1000
-6
-600
-5
0
-4
600
-3
1200
-2
1800
-1
2400
0
3000
1
3600
2
4200
3
4800
4
5400
5
6000
VIN = 16 V
Cbyp = 10 nF
VO = 3.3 V
VO
I SC
Figure 8-6. Short-Circuit Current for New Chip at VIN = 16 V
www.ti.com
LP2985-N
SNVS018AA – MARCH 2000 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com