Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P0116CU Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # UPD75P0116CU
Description  MOS INTEGRATED CIRCUIT
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0116CU Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button UPD75P0116CU Datasheet HTML 45Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 46Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 47Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 48Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 49Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 50Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 51Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 52Page - Renesas Technology Corp UPD75P0116CU Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
µPD75P0116
47
Data Sheet U12603EJ1V1DS
11. RC OSCILLATION FREQUENCY CHARACTERISTICS EXAMPLES (REFERENCE VALUE)
CL1
CL2
22 pF
22 k
Ω
CL1
CL2
22 pF
22 k
Ω
CL1
CL2
22 pF
22 k
Ω
Sample A
Sample B
Sample C
(TA = –40 °C)
(TA = 25 °C)
0
2.0
1.0
0.5
1234
Supply voltage VDD (V)
5678
0
2.0
1.0
0.5
1234
Supply voltage VDD (V)
5678
(TA = 85 °C)
0
2.0
1.0
0.5
1234
Supply voltage VDD (V)
5678
Sample A
Sample A
Sample B
or Sample C
Sample C
Sample B
fCC vs VDD (RC oscillation, R = 22k
Ω, C = 22 pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com