Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LXT386LE Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 41Page - Intel Corporation LXT386LE Datasheet HTML 42Page - Intel Corporation LXT386LE Datasheet HTML 43Page - Intel Corporation LXT386LE Datasheet HTML 44Page - Intel Corporation LXT386LE Datasheet HTML 45Page - Intel Corporation LXT386LE Datasheet HTML 46Page - Intel Corporation LXT386LE Datasheet HTML 47Page - Intel Corporation LXT386LE Datasheet HTML 48Page - Intel Corporation LXT386LE Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
45
5.0
JTAG Boundary Scan
5.1
Overview
The LXT386 supports IEEE 1149.1 compliant JTAG boundary scan. Boundary scan allows easy
access to the interface pins for board testing purposes.
In addition to the traditional IEE1149.1 digital boundary scan capabilities, the LXT386 also
includes analog test port capabilities. This feature provides access to the TIP and RING signals in
each channel (transmit and receive). This way, the signal path integrity across the primary winding
of each coupling transformer can be tested.
5.2
Architecture
Figure 15 represents the LXT386 basic JTAG architecture. The LXT386 JTAG architecture
includes a TAP Test Access Port Controller, data registers and an instruction register. The
following paragraphs describe these blocks in detail.
5.3
TAP Controller
The TAP controller is a 16 state synchronous state machine controlled by the TMS input and
clocked by TCK ( Figure 16).The TAP controls whether the LXT386 is in reset mode, receiving an
instruction, receiving data, transmitting data or in an idle state. Table 30 describes in detail each of
the states represented in Figure 16.
Figure 15. LXT386 JTAG Architecture
MUX
TDO
TAP
Controller
TCK
TMS
TRST
TDI
Boundry Scan Data Register
BSR
Analog Port Scan Register
ASR
Device Identification Register
IDR
Bypass Register
BYR
Instruction Register
IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com