| Electronic Components Datasheet Search |
|
UPD78F0964 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78F0964 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 28 page ![]() m m m m mPD78F0964 13 INTP0 Input External interrupt input that can specify the effective edge Input P00/TOFF7 INTP1 (rising edge, falling edge, or both rising and falling edges) can be Input P01 INTP2 specified. Input P02 INTP3 Input P03/ADTRG TI50 Input External count clock input to timer (TM50). Input P24/TO50 TI51 External count clock input to timer (TM51). Input P25/TO51 TI52 External count clock input to timer (TM52). Input P26/TO52 TO50 Output Timer (TM50) output. Input P24/TI50 TO51 Timer (TM51) output. Input P25/TI51 TO52 Timer (TM52) output. Input P26/TI52 RTP0 to RTP7 Output Real-time output port that outputs pulses in synchronization with Input P30 to P37 trigger signals outputs from the real-time pulse unit. TxD00 Output Asynchronous serial interface serial data output. Input P21 TxD01 Input P23 RxD00 Input Asynchronous serial interface serial data input. Input P20 RxD01 Input P22 ANI0 to ANI7 Input A/D converter analog input. Input P10 to P17 ADTRG Input External trigger signal input to the A/D converter. Input P03/INTP3 TO70 to TO75 Output Timer output for the 3-phase PWM inverter control. Hi-Z – TOFF7 Input Timer output (TO70 to TO75) stop interrupt input. Input P00/INTP0 AD0 to AD7 I/O Lower address/data bus when memory is expanded externally. Input P40 to P47 A8 to A15 Output Upper address bus when memory is expanded externally. Input P50 to P57 RD Output Strobe signal output for external memory read operation. Input P64 WR Strobe signal output for external memory write operation. Input P65 WAIT Input Wait insertion when accessing external memory. Input P66 ASTB Output Strobe output that externally latches address information output Input P67 to ports 4 and 5 to access external memory. AVREF Input A/D converter reference voltage input. – – AVDD – A/D converter analog power supply. Connect to VDD0.– – AVSS – A/D converter ground potential. Connect to VSS0.– – RESET Input System reset input. – – X1 Input Crystal connection for system clock oscillation. – – X2 – –– VDD0 – Positive power supply for ports. – – VSS0 – Ground potential for ports. – – VDD1 – Positive power supply except for ports. – – VSS1 – Ground potential except for ports. – – VPP – High voltage application during program write/verify. – – In the normal mode, connect to VSS0 directly. Pin Name I/O Function After Reset Alternate Function 2.2 Non-Port Pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |