Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78F0974 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD78F0974
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0974 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78F0974 Datasheet HTML 17Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 18Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 19Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 20Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 21Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 22Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 23Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 24Page - Renesas Technology Corp UPD78F0974 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
19
µPD78F0974
Preliminary Product Information U12646EJ2V1PM00
5.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply
VDD
–0.3 to +6.5
V
voltage
VPP
–0.3 to +10.3
V
AVREF
–0.3 to VDD + 0.3
V
AVSS
–0.3 to +0.3
V
SMVDD
SMVDD = VDD
–0.3 to +6.5
V
SMVSS
–0.3 to +0.3
V
Input voltage
VI
–0.3 to VDD + 0.3
V
Output voltage
VO1
P00-P07, P40-P44, P50-P54, P60, P61, P81-P87, P90-P97, RESET
–0.3 to VDD + 0.3
V
VO2
P20-P27, P30-P37
–0.5 to SMVDD + 0.7
V
Analog input
VAN
P10-P14
Analog input pin
AVSS – 0.3 to AVREF + 0.3
V
voltage
Output
IOH
1 pin (P00-P07, P40-P44, P50-P54, P60, P81-P87, P90-P97)
–10
mA
current high
P00-P07, P40-P44, P50-P54, P60, P81-P87, P90-P97 total
–15
mA
P61
–30
mA
1 pin (P20-P27)
–45
mA
P20-P27 total
–135
mA
1 pin (P30-P37)
–45
mA
P30-P37 total
–135
mA
Output
IOLNote
1 pin (P00-P07, P40-P44, P50-P54,
Peak value
20
mA
current low
P60, P81-P87, P90-P97)
r.m.s.
10
mA
P00-P07, P40-P44, P50-P54, P60,
Peak value
50
mA
P81-P87, P90-P97 total
r.m.s.
20
mA
P61
r.m.s.
30
mA
1 pin (P20-P27)
45
mA
P20-P27 total
135
mA
1 pin (P30-P37)
45
mA
P30-P37 total
135
mA
Operating
TA
–40 to +85
°C
ambient
temperature
Storage
Tstg
–65 to +150
°C
temperature
Note
The root mean square (r.m.s) should be calculated as follows: [r.m.s.] = [peak value]
×
√duty
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, device reliability
may be impaired. The absolute maximum ratings are values that may physically damage the
product. Be sure to use the product within the ratings.
Remark
The characteristics of an alternate-function pin and a port pin are the same unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com