Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78F9136GS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD78F9136GS
Description  MOS INTEGRATED CIRCUITS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F9136GS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD78F9136GS Datasheet HTML 10Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 11Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 12Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 13Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 14Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 15Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 16Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 17Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Preliminary Product Information
12
PD78F9136
4.3
Pin Input/Output Circuits and Handling of Unused Pins
Table 4-1 lists the types of input/output circuits for each pin and explains how unused pins are handled.
Figure 4-1 shows the configuration of each type of input/output circuit.
Table 4-1. Type of Input/Output Circuit for Each Pin and Handling of Unused Pins
Pin name
I/O circuit type
I/O
Recommended connection of unused pins
P00-P03
5-A
I/O
Connect these pins to the VDD or VSS pin through a separate resistor.
P10, P11
P20/SCK20/ASCK20
8-A
P21/SO20/TXD20
P22/SI20/RXD20
P23/INTP0/CPT20/SS20
Connect these pins to the VSS pin through a separate resistor.
P24/INTP1/TO80/TO20
P25/INTP2/TI80
P50-P53
13-V
Connect these pins to the VDD pin through a separate resistor.
P60/ANI0-P63/ANI3
9-C
Input
Connect these pins to the VDD or VSS pin through a separate resistor.
AVDD
-
-
Connect this pin to the VDD pin through a resistor.
AVSS
-
-
Connect this pin to the VSS pin through a resistor.
RESET
2
Input
-
VPP
-
-
Connect this pin directly to the VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com