Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78P058F Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD78P058F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P058F Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD78P058F Datasheet HTML 10Page - Renesas Technology Corp UPD78P058F Datasheet HTML 11Page - Renesas Technology Corp UPD78P058F Datasheet HTML 12Page - Renesas Technology Corp UPD78P058F Datasheet HTML 13Page - Renesas Technology Corp UPD78P058F Datasheet HTML 14Page - Renesas Technology Corp UPD78P058F Datasheet HTML 15Page - Renesas Technology Corp UPD78P058F Datasheet HTML 16Page - Renesas Technology Corp UPD78P058F Datasheet HTML 17Page - Renesas Technology Corp UPD78P058F Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
12
µPD78P058F
2.
PIN FUNCTIONS
2.1
Pins in Normal Operating Mode
(1) Port pins (1/2)
Pin Name
Input/Output
Function
After Reset
Alternate Function
P00
Input
Port 0
Input only
Input
INTP0/TI00
8-bit input/output
P01
Input/output
port
Input/output is specifiable
Input
INTP1/TI01
bit-wise. When used as the
P02
input port, it is possible to
INTP2
use an on-chip pull-up
P03
resistor by software.
INTP3
P04
INTP4
P05
INTP5
P06
INTP6
P07Note 1
Input
Input only
Input
XT1
P10 to P17
Input/output
Port 1
Input
ANI0 to ANI7
8-bit input/output port
Input/output is specifiable bit-wise.
When used as the input port, it is possible to
use an on-chip pull-up resistor by software.Note 2
P20
Input/output
Port 2
Input
SI1
8-bit input/output port
P21
Input/output is specifiable bit-wise.
SO1
When used as the input port, it is possible to
P22
use an on-chip pull-up resistor by software.
SCK1
P23
STB
P24
BUSY
P25
SI0/SB0
P26
SO0/SB1
P27
SCK0
P30
Input/output
Port 3
Input
TO0
8-bit input/output port
P31
Input/output is specifiable bit-wise.
TO1
When used as the input port, it is possible to
P32
use an on-chip pull-up resistor by software.
TO2
P33
TI1
P34
TI2
P35
PCL
P36
BUZ
P37
—
Notes
1. When the P07/XT1 pins are used as the input ports, set the processor clock control register (PCC) bit 6
(FRC) to 1, and be sure not to use the feedback resistor of the subsystem clock oscillation circuit.
2. When the P10/ANI0 to P17/ANI7 pins are used as the analog inputs for A/D converter, set port 1 to input
mode. The on-chip pull-up resistors are automatically disabled.
Caution
For pins which also function as port pins, do not perform the following operations during A/D
conversion. If these operations are performed, the total error ratings cannot be kept.
<1> Rewrite the output latch while the pin is used as a port pin.
<2> Change the output level of the pin used as an output pin, even if it is not used as a port pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com