Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115R Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115R
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115R-BCA0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115R Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115R Datasheet HTML 1Page - ATTEND Technology Inc. 115R Datasheet HTML 2Page - ATTEND Technology Inc. 115R Datasheet HTML 3Page - ATTEND Technology Inc. 115R Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
MECHANICAL
Item
Requirement
Test Condition
Contact Normal
Force
30gf Min./per Pin
0mm gap to housing surface (work position)
Speed of 0.60±3 mm/minute (0mm from
housing) (refer to Appendix 2)
Durability
(Vertical Insertion
Direction)
Contact resistance
Initially 50 mΩ Max.
Contact resistance Finally
100 mΩ Max.
Contact Normal Force
within spec. (refer to
Appendix 1&2)
Mate connectors at 240-550 cycles/hour to 3000
cycles. Vertical insertion for max
deflection case.
Open & Lock Durability
Durability: 50 Cycles
Final Force: 150g Min.
SIM card connector on the PCB welding, load a
SIM card inside the connector, parallel to push on
the shell surface for open & lock
ENVIRONMENTAL
Item
Requirement
Test Condition
LOW temperature
resistance
Contact resistance
100mΩ Max.
At -30°C for 96 hours
Recovery: 2 hours at ambient atmosphere
Humidity
resistance
There shall be no short
circuiting and damage
detected at AC 500V r.m.s
Insulation
resistance:1000MΩ Min.
Contact resistance:
100mΩ Max.
EIA 364 – 31 Method Ⅱ Test Condition A.
Subject unmated connectors to 96 hours at 60°C
with 90% to 95% R.H.
Temperature life
Resistance: 100mΩ Max.
change from initial value
At +85°C for 96 hours
Salt Spray
Meets requirements of
product drawing
Contact resistance:
100mΩ Max.
EIA-364-26B
Subject mated connectors to 5+/-1%salt-solution
concentration, 35+/-2°C for 24hours. After test,
rinse the sample with water and recondition the
room temperature for 1 hour
Vibration
(Random)
Contact resistance
100mΩ Max.
Discontinuity < 1 ms
(EIA-364-28)
Frequency: 10~100 Hz, 0.0132 g2/Hz;
Frequency: 100~500Hz, -3dB/Oct Applied for 1
hours in each 3 mutually perpendicular axes
Shock
(specified pulse)
Contact resistance
100mΩ Max.
Discontinuity < 1 ms
Pulse shape = half sine
Peak acceleration = 490m/s2 (50G)
Duration of pulse = 11ms
Apply 3 successive shocks in each direction along
the 3 mutually
perpendicular axes.
(EIA364-27)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com