Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6604AGF-Z Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP6604AGF-Z
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF-Z Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP6604AGF-Z Datasheet HTML 12Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 13Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 14Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 15Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 16Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 17Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 18Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 19Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
19
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
CARRIER INFORMATION
Pin1
1
1
1
1
ABCD
ABCD
ABCD
ABCD
Feed Direction
Part Number
Package
Description
Quantity/
Reel
Quantity/
Tube
Quantity/
Tray
Reel
Diameter
Carrier
Tape Width
Carrier
Tape Pitch
MP6604AGV-Z
QFN-28
(4mmx5mm)
5000
N/A
N/A
13in
12mm
8mm
Pin1
1
1
1
1
Feed Direction
Part Number
Package
Description
Quantity/
Reel
Quantity/
Tube
Quantity/
Tray
Reel
Diameter
Carrier
Tape Width
Carrier
Tape Pitch
MP6604AGF-Z
TSSOP-28EP
2500
50
N/A
13in
16mm
8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com