Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD2CANFD27LU-Q Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PESD2CANFD27LU-Q
Description  ESD protection for in-vehicle networks
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD27LU-Q Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PESD2CANFD27LU-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD2CANFD27LU-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
PESD2CANFD27LU-Q
ESD protection for in-vehicle networks
50 Ω
Rd
Cs
DUT
(DEVICE
UNDER
TEST)
RG 223/U
50 Ω coax
ESD TESTER
IEC 61000-4-2 ed.2
Cs = 150 pF; Rd = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
40 dB
ATTENUATOR
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
0
6
2
10
V
(kV)
-2
t (ns)
-10
70
30
4
8
40
20
10
0
50
60
unclamped -8 kV ESD pulse waveform
(IEC 61000-4-2 network)
-8
-2
-6
2
V
(kV)
-10
t (ns)
-10
70
30
-4
0
40
20
10
0
50
60
aaa-003952
Fig. 8. ESD clamping test setup and waveforms
t (ns)
-10
70
50
10
30
aaa-032000
50
-50
150
250
VCL
(V)
-150
VCL_ESD at 30 ns = 29.9 V
Fig. 9. Clamped +8 kV pulse waveform (IEC 61000-4-2
network)
t (ns)
-10
70
50
10
30
aaa-032001
-50
-150
50
150
VCL
(V)
-250
VCL_ESD at 30 ns = -27.8 V
Fig. 10. Clamped -8 kV pulse waveform (IEC 61000-4-2
network)
PESD2CANFD27LU-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
14 June 2023
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com