Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3V3Z1BCSF Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PESD3V3Z1BCSF
Description  Extremely low capacitance bidirectional ESD protection diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3V3Z1BCSF Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PESD3V3Z1BCSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3V3Z1BCSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
PESD3V3Z1BCSF
Extremely low capacitance bidirectional ESD protection diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K1
cathode (diode 1)
2
K2
cathode (diode 2)
Transparent
top view
2
1
DSN0603-2 (SOD962-2)
sym045
K2
K1
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PESD3V3Z1BCSF
DSN0603-2
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch;
0.6 mm x 0.3 mm x 0.3 mm body
SOD962-2
7. Marking
Table 4. Marking codes
Type number
Marking code
PESD3V3Z1BCSF
C4
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRWM
reverse standoff voltage
-
3.3
V
IPPM
rated peak pulse current tp = 8/20 µs
[1] [2]
-
15
A
Tamb
ambient temperature
-40
125
°C
Tstg
storage temperature
-65
150
°C
ESD maximum ratings
IEC 61000-4-2; contact discharge
[3]
-30
30
kV
VESD
electrostatic discharge
voltage
IEC 61000-4-2; air discharge
[3]
-30
30
kV
[1] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[2] In positive and negative direction.
[3] Device stressed with ten non-repetitive ESD pulses.
PESD3V3Z1BCSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
2 March 2021
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com