Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD4V0Z2BCDFZ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD4V0Z2BCDFZ
Description  Extremely low clamping low capacitance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4V0Z2BCDFZ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD4V0Z2BCDFZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PESD4V0Z2BCDF
Extremely low clamping low capacitance ESD protection
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
-
7.4
-
V
IRM
reverse leakage current VRWM = 5 V; Tamb = 25 °C
-
1
30
nA
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
0.31
0.37
pF
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; Tamb = 25 °C
-
0.28
-
pF
IPPM = 11 A; 8/20 µs; Tamb = 25 °C
[1]
-
5.8
-
V
IPP = 8 A; TLP; tp = 100 ns
[2]
-
4.4
-
V
VCL
clamping voltage
IPP = 16 A; TLP; tp = 100 ns;
Tamb = 25 °C
[2]
-
5.7
-
V
IR = 10 A; Tamb = 25 °C
[2]
-
0.19
-
Ω
Rdyn
dynamic resistance
IR = -10 A; Tamb = 25 °C
[2]
-
0.19
-
Ω
f-3dB
-3 dB cut-off frequency Tamb = 25 °C; normalized to attenuation
at 1 MHz
-
> 9
-
GHz
[1] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[2] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008.
aaa-031915
-3
-1
1
Sdd21
(dB)
-5
f (Hz)
108
1011
1010
109
Fig. 3. Insertion loss; typical values
VI (V)
-4
4
2
-2
0
aaa-031916
0.2
0.1
0.3
0.4
Cd
(pF)
0
Fig. 4. Capacitance as a function of input voltage;
typical values
PESD4V0Z2BCDF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
17 August 2020
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com